Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 51 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 51 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 47Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 48Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 49Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 50Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 51Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 52Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 53Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 54Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
Data Sheet
ADAQ4216
SERIAL INTERFACE
analog.com
Rev. A | 51 of 63
Echo Clock Timing Diagrams
1-Lane, SDR Mode, Echo Clock Mode
Figure 7 shows the timing relationships for SDR mode (1-bit per
SCK period) in 1-lane echo clock mode. The timing relationships
between the signals apply to both 16-bit and 32-bit sample word
formats.
SCKOUT is a delayed version of the incoming SCK. The delay
(tDSDO) has a maximum value of 5.6ns (at VIO > 1.71V). Changes in
SDOx logic states are aligned to the rising edges of SCKOUT. The
clock and data edge alignments are the same for 1-lane, 2-lane,
and 4-lane output data modes.
1-Lane, DDR Mode, Echo Clock Mode
Figure 8 shows the timing relationships for DDR mode (2-bit transi-
tions per SCKOUT period) in 1-lane mode echo clock mode. The
timing relationships between the signals apply to both 16-bit and
32-bit sample word formats.
Similar to SDR mode, SCKOUT is a delayed version of the incom-
ing SCK. Changes in SDOx logic states are aligned to both rising
and falling edges of SCKOUT.
Host Clock Mode Timing
1-Lane, Host Clock Mode, SDR
Figure 9 shows the timing relationships for host clock mode when
using SDR mode and 1-lane mode. Similar to echo clock mode,
the clock rising edges are aligned to the data bit transitions. The
frequency of SCKOUT signal is controlled by the OSC_DIV value
programmed in the internal oscillator register (for more details, see
the Internal Oscillator Register section). Note that when the output
data format is 16-bit differential (OUT_DATA_MD = 000 in the
Modes Register), each 16-bit sample is padded with eight zeros,
which makes the total word length to 24 bits. The host processor
discards these bits when processing the data.
1-Lane, Host Clock Mode, DDR
Figure 10 shows the timing relationships for host clock mode when
using DDR. Similar to echo clock mode, the rising and falling clock
edges are aligned to the data bit transitions. The frequency of
SCKOUT signal is controlled by the OSC_DIV value programmed
in the internal oscillator register (for more details, see the Internal
Oscillator Register section). Note that when the output data format
is 16-bit differential (OUT_DATA_MD = 000 in the Modes Register),
each 16-bit sample is padded with eight zeros, which makes the
total word length to 24 bits. The host processor discards these bits
when processing the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com