Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 2 Page - Analog Devices

  ADAQ4216BBCZ Datasheet HTML 1Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 2Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 3Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 4Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 5Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 6Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 7Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 8Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
Data Sheet
ADAQ4216
TABLE OF CONTENTS
analog.com
Rev. A | 2 of 63
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................3
Specifications........................................................ 4
Timing Specifications......................................... 7
Absolute Maximum Ratings.................................13
Thermal Resistance......................................... 13
Electrostatic Discharge (ESD) Ratings.............13
ESD Caution.....................................................13
Pin Configurations and Function Descriptions.....14
Typical Performance Characteristics................... 16
Terminology......................................................... 29
Theory of Operation.............................................30
Overview.......................................................... 30
Transfer Function............................................. 30
Signal Chain Operation.................................... 31
Digital Sample Processing Features................ 31
Applications Information...................................... 33
Typical Application Diagram............................. 33
Reference Circuitry Design ............................. 38
ADC Reset....................................................... 39
Power Supplies................................................ 39
Serial Interface.................................................... 41
SPI Signals.......................................................41
Sample Conversion Timing and Data
Transfer.......................................................... 43
Clocking Modes ...............................................44
Data Clocking Requirements and Timing.........47
Layout Guidelines................................................52
Registers............................................................. 53
Register Details................................................... 54
Interface Configuration A Register................... 54
Interface Configuration B Register................... 54
Device Configuration Register..........................55
Chip Type Register...........................................55
Product ID Low Register.................................. 55
Product ID High Register..................................55
Chip Grade Register.........................................56
Scratch Pad Register....................................... 56
SPI Revision Register...................................... 56
Vendor ID Low Register................................... 57
Vendor ID High Register...................................57
Stream Mode Register..................................... 57
Interface Status A Register.............................. 57
EXIT Configuration Mode Register...................58
Averaging Mode Register.................................58
Offset Registers................................................58
Gain Registers..................................................59
Modes Register................................................ 59
Internal Oscillator Register............................... 60
Output Driver Register......................................60
Test Pattern Registers...................................... 61
Digital Diagnostics Register............................. 62
Digital Errors Register...................................... 62
Outline Dimensions............................................. 63
Ordering Guide.................................................63
Evaluation Boards............................................ 63
REVISION HISTORY
5/2025—Rev. 0 to Rev. A
Change to Features Section............................................................................................................................ 1
Changes to Input Bias Current Parameter and Input Offset Current Parameter, Table 1................................ 4
Changes to Figure 61 and Figure 64............................................................................................................. 24
Added Figure 65; Renumbered Sequentially................................................................................................. 24
Changes to Figure 79 to Figure 83................................................................................................................ 27
Moved Figure 84; Renumbered Sequentially.................................................................................................28
Change to Typical Application Diagram Section............................................................................................ 33
1/2025—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com