Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 1 Page - Analog Devices

  ADAQ4216BBCZ Datasheet HTML 1Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 2Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 3Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 4Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 5Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 6Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 7Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 8Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
Data Sheet
ADAQ4216
16-Bit, 2MSPS, μModule Data-Acquisition Solution
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices
for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change
without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered
trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and availability.
FEATURES
►
Highly performance
►
Throughput: 2MSPS, no latency
►
INL: ±3ppm maximum from −40°C to 105°C
►
Total system dynamic range: 123dB typical
►
SNR: 97.5dBFS typical, THD: −122dBc typical
►
Offset error drift: +5.05μV/°C maximum
►
Gain error drift: +1.17ppm/°C maximum
►
Ease of use features reduce system complexity
►
Second-order, 270kHz anti-aliasing filter
►
High-Z PGIA gain options: 1/3, 5/9, 20/9, 20/3
►
Flexible external reference voltage: 4.096V or 5V
►
Differential input voltage ranges, ±REFIN/Gain: ±15V, ±9V,
±2.25V, ±0.75V
►
Wide input common-mode voltage range: −8V to +10V
►
Low input bias current: ±20pA typical
►
High density solution reduces system footprint
►
14mm x 9mm, 0.8mm pitch, 178-ball CSP BGA
►
4× footprint reduction vs. equivalent discrete solution
►
On-board reference buffer with an internal VCM generation
►
Total power dissipation: 445mW typical at 2MSPS
►
Flexi-SPI digital interface
►
1, 2, or 4 SDO lanes allows slower SCK
►
Echo clock mode simplifies use of digital isolator
►
Compatible with 1.2V to 1.8V logic
►
PGIA gain control (A0, A1) interface
►
Extended sample resolution to 30-bits
►
Overrange and synchronization bits
APPLICATIONS
►
Automatic test equipment
►
Machine automation
►
Process controls
►
Medical and industrial instrumentation
►
Digital control loops
FUNCTIONAL BLOCK DIAGRAM
Figure 1. ADAQ4216 Functional Block Diagram


Similar Part No. - ADAQ4216BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAQ4216BBCZ AD-ADAQ4216BBCZ Datasheet
2Mb / 61P
16-Bit, 2MSPS, μModule Data-Acquisition Solution
Rev. 0
ADAQ4216BBCZ AD-ADAQ4216BBCZ Datasheet
3Mb / 65P
16-Bit, 2MSPS, μModule Data-Acquisition Solution
Rev. B
More results

Similar Description - ADAQ4216BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
AD363 AD-AD363 Datasheet
682Kb / 8P
Complete 16-Channel,12-Bit Data Acquisition System
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
16 Channel 12 Bit Data Acquisition System
REV. A
ADAQ23875 AD-ADAQ23875 Datasheet
650Kb / 23P
16-Bit, 15 MSPS, 關Module Data Acquisition Solution
11/2020-Revision 0
ADAQ4001 AD-ADAQ4001 Datasheet
3Mb / 38P
16-Bit, 2 MSPS, 關Module Data Acquisition Solution
5/2021-Revision 0
ADAQ23876 AD-ADAQ23876 Datasheet
3Mb / 37P
16-Bit, 15 MSPS, 關Module Data Acquisition Solution
1/2022-Revision 0
ADAQ23878 AD-ADAQ23878 Datasheet
5Mb / 37P
18-Bit, 15 MSPS, 關Module Data Acquisition Solution
12/2021-Revision 0
ADAQ4003 AD-ADAQ4003 Datasheet
921Kb / 35P
18-Bit, 2 MSPS, 關Module Data Acquisition Solution
Rev. 0
ADAQ7768-1 AD-ADAQ7768-1 Datasheet
5Mb / 98P
24-Bit Single-Channel Precision μModule Data Acquisition System
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com