Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 48Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 49Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 50Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 51Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 52Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 53Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 54Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 55Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
Data Sheet
ADAQ4216
LAYOUT GUIDELINES
analog.com
Rev. A | 52 of 63
The following layout guidelines are recommended to achieve maxi-
mum performance of the ADAQ4216:
►
The ADAQ4216 contains internal 1μF bypass capacitors for
VDD_5V and VDD_1.8V, and VIO contains an internal 0.2μF
capacitor, so no external bypass capacitors are required. This
saves board space, bill of materials count, and reduces layout
sensitivity.
►
It is recommended to have all the analog signals flow in from the
left side of the ADAQ4216 and all the digital signals to flow in
and out from the right side of the ADAQ4216 because this helps
isolate analog signals from digital signals.
►
Use a solid ground plane under the ADAQ4216 and connect all
the analog ground (GND) pins and digital ground (IOGND) pins
to the shared ground plane to avoid formation of ground loops.
►
Traces routed to the REFIN pin must be isolated and shielded
from other signals. Avoid routing signals beneath the reference
trace (REFIN). If a noise reduction filter is placed between the
output of the reference (or buffer) and the chosen reference
input, it must be placed as close as possible to the ADAQ4216.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com