Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 35Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 36Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 37Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 38Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 39Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 40Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 41Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 42Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
Data Sheet
ADAQ4216
APPLICATIONS INFORMATION
analog.com
Rev. A | 39 of 63
ADC RESET
The ADAQ4216 provides two options for performing an ADC reset
using the serial interface. A hardware reset is initiated by pulsing
the voltage on the RST pin low. A software reset is initiated by
setting both the SW_RESET and SW_RESETX bits in the Interface
Configuration A register to 1 in the same write instruction (for more
details, see the Interface Configuration A Register section).
Performing a hardware or software reset asserts the RESET_OC-
CURRED bit in the digital diagnostics register (for more details, see
the Digital Diagnostics Register section). The RESET_OCCURRED
bit is cleared by writing the bit with a 1. RESET_OCCURRED can
be used by the digital host to confirm that the ADAQ4216 has
executed a device reset.
The ADAQ4216 is designed to generate a power-on reset (POR)
when VDD_5V and VDD_1.8V are first applied. A POR resets
the state of the user configuration registers and asserts the RE-
SET_OCCURRED bit. If VDD_5V or VDD_1.8V drops below its
specified operating range, a POR occurs. It is recommended to
perform a hardware or software reset after a POR.
Figure 100 shows the timing diagram for performing an ADC reset
using the RST input. The minimum RST pulse width is 50ns,
represented by tRESETPW in Figure 100 and Table 1. A reset must
be performed no sooner than 3ms after the power supplies are valid
and stable (this delay is represented by tRESET_DELAY in Figure 100
and Table 1).
After a hardware or software reset, no SPI commands or conver-
sions can be started for 750µs.
Figure 100. POR Timing
POWER SUPPLIES
The recommended power-up sequence for the supply pins of the
ADAQ4216 is shown in Figure 101. The recommended sequence
is power up the PGIA (VDDH and VSSH) first, then the FDA
(VDD_FDA and VSS_FDA) along with the supplies of the ADC
(VDD_5V, VLDO and VIO), then bring up the reference voltage
(REFIN) and lastly turning on the input signal at INP and INN pins.
Care must be taken to adhere to the maximum voltage relationships
described in the Absolute Maximum Ratings section.
Figure 101. Power Supply Sequence
The voltage range for the VDD_5V supply depends on the chosen
reference voltage (see the parameter Internal Reference Buffer in
Table 1). Figure 102 shows the minimum and maximum values for
VDD_5V with respect to REFIN. VDD_5V voltage values above the
maximum or below the minimum result in either damage to the
device or degraded performance.
Figure 102. VDD_5V Minimum and Maximum Values for REFIN
The ADAQ4216 has a POR circuit that resets the ADAQ4216 at
initial power-up or whenever VDD_5V or VDD_1.8V drops below its
specified operating range.
Note that the VDD_5V and the VLDO supplies have internal 1µF
bypass capacitors inside the package, VIO has an internal 0.2µF
bypass capacitor, while VDDH, VSSH, VDD_FDA, VSS_FDA, and
VDD have internal 0.1µF bypass capacitor. These internal capaci-
tors reduce BOM count and solution size. If the bulk-supply bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com