Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 3Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 4Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 5Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 6Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 7Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 8Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 9Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 10Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
Data Sheet
ADAQ4216
SPECIFICATIONS
analog.com
Rev. A | 7 of 63
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VSS_FDA
VDD_FDA − 10
0
+0.1
V
VDD_5V
REFIN = 5V
5.3
5.4
5.5
V
REFIN = 4.096V
4.75
5
5.25
V
VDD_1.8V
1.71
1.8
1.89
V
VIO6
1.14
1.89
V
VLDO
2.2
5.4
5.5
V
Standby Current
Inputs grounded
VDDH
8
mA
VSSH
−9
mA
VDD_FDA
4.8
mA
VSS_FDA
−3.5
mA
VDD_5V
525
µA
VIO
<1
µA
VLDO
108
µA
Shutdown Current
Inputs grounded
VDD_FDA
PDB_FDA = 0V
32
µA
VSS_FDA
PDB_FDA = 0V
−25.2
µA
VDD_5V
ADC in shutdown mode
5
µA
VIO
<1
µA
VLDO
EN_LDO = 0V, ADC in shutdown mode
0.8
µA
Operating Current
2MSPS, Input = −0.5dBFS
VDDH
VDDH = +18V
10
mA
VSSH
VSSH = −18V
−9.8
mA
VDD_5V
VDD_5V = 5.4V
2.5
3.2
mA
VDD_FDA
VDD_FDA = 5.4V
5.6
7.5
mA
VSS_FDA
VSS_FDA = 0V
−7.5
−5.6
mA
VIO
VIO = 1.8V, 1-lane SDO
0.8
mA
VLDO
VLDO = 5.4V
8
10.5
mA
Power Dissipation
2MSPS
445
mW
tRESET_DELAY
After power-on, delay from VDD_5V and
VDD_1.8V valid to RST assertion
3
ms
tRESET_PW
RST pulse width
50
ns
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+105
°C
1 The acquisition phase is the time available for the input sampling capacitors to acquire a new input with the ADC running at a throughput rate of 2MSPS.
2 These specification are not production tested but are supported by characterization data during initial product release.
3 See the low frequency noise plot in Figure 63. 1/f noise is canceled internally by auto-zeroing. Noise spectral density is substantially uniform from DC to fS/2.
4 Drop-out voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage.
5 Start-up time is defined as the time between the rising edge of EN_LDO to VDD_1.8V being at 90% of its nominal value.
6 When VIO < 1.4 V, Bit IO2X must be set to 1. For more details, see the Output Driver Register section.
TIMING SPECIFICATIONS
VDDH = 18V, VSSH = −18V, VDD_FDA = 5.4V, VSS_FDA = 0V, VDD_5V = 5.4V, VLDO = 5.4V, VIO = 1.8V, REFIN = 5V, fS = 2MSPS and all
specifications are TMIN to TMAX, unless otherwise noted. For the timing voltage levels, see Figure 2. For VIO < 1.4V, Bit IO2X must be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com