Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 10Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 11Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 12Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 13Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 14Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 15Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 16Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 17Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
Data Sheet
ADAQ4216
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 14 of 63
Figure 11. Pin Configuration
Table 11. Pin Function Descriptions
Pin Number
Mnemonic
Type1
Description
A1 to A4, A7 to A11, A17, B1
to B11, B17, C2, C5, C8 to
C11, C17, D2 to D10, D13 to
D14, E1 to E2, E5, E7 to E8,
E11, E13 to E14, F1 to F5, F7
to F8, F11 to F14, G1 to G2,
G5 to G6, G8 to G10, G13 to
G14, H1 to H6, H8 to H10,
H13 to H14, J1 to J2, J5, J7 to
J9, J11 to J14, K1 to K5, K7 to
K9, K11, K13 to K14, L1 to L6,
L9 to L11, L13
GND
P
Power Supply Ground.
A5 to A6, J3 to J4
VDDH
P
PGIA Positive Power Supply. This pin has a 0.1μF bypass capacitor inside the package.
C1, D1
INP
AI
Positive Analog Input. Do not leave the INP pin floating. Leaving the INP pin floating can cause the PGIA
to draw a larger current from the VDDH and VSSH supply.
C3 to C4, G3 to G4
VSSH
P
PGIA Negative Power Supply. This pin has a 0.1μF bypass capacitor inside the package.
C6 to C7
INN
AI
Negative Analog Input. Do not leave the INN pin floating. Leaving the INN pin floating can cause the
PGIA to draw a larger current from the VDDH and VSSH supply.
D11
REFIN
AI
Reference Input. Drive REFIN with 4.096V to 5V (referred to ground). This pin is the input of the internal
reference buffer and has a 2μF bypass capacitor at the output of the buffer.
D12, E12
VDD_5V
P
5V Power Supply. The range of VDD_5V depends on the reference value, 5.3V to 5.5V for a 5V
reference, and 4.75V to 5.25V for a 4.096V reference. This pin has a 1μF and 0.1μF bypass capacitors
inside the package.
D15
CNV
DI
Convert Input. A rising edge on this input powers up the device and initiates a new conversion. This
signal must have low jitter to achieve the specified performance of the ADC. Logic levels are determined
by the VIO pin.
D16
RSTB
DI
Reset Input (Active Low). Asynchronous ADC reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com