Electronic Components Datasheet Search
  English  ▼

X  

BMP585 Datasheet(PDF) 61 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 61 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 57Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 58Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 59Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 60Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 61Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 62Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 63Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 64Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 65Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
61 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
0x16
15.000 Hz (Error = 0.00)
0x17
10.000 Hz (Error = 0.00)
0x18
5.000 Hz (Error = 0.00)
0x19
4.000 Hz (Error = 0.00)
0x1A
3.000 Hz (Error = 0.00)
0x1B
2.000 Hz (Error = 0.00)
0x1C
1.000 Hz (Error = 0.00)
0x1D
0.500 Hz (Error = 0.00)
0x1E
0.250 Hz (Error = 0.00)
0x1F
0.125 Hz (Error = 0.00)
•
deep_dis:(bit offset: 7) If asserted, disables the deep standby (Note: This field cannot be changed during an
ongoing P/T conversion.)
8.35 Register (0x38) Effective over-sampling rate (OSR) configuration
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
0
0
0
0
0
0
0
Content
odr_is_...
reserved_6
osr_p_eff
osr_t_eff
•
osr_t_eff:(bit offset: 0) OSR_T effective selection. Effectively selected OSR for temperature. Please refer to
OSR_- CONFIG for encodings.
•
osr_p_eff:(bit offset: 3) OSR_P effective selection. Effectively selected OSR for pressure. Please refer to OSR_-
CONFIG for encodings.
•
reserved_6:(bit offset: 6) reserved
•
odr_is_valid:(bit offset: 7) If asserted, the ODR parametrization is valid (This is checked on every change in ODR
and OSR configuration registers.)
•
The values that are effective when the configured ODR might be invalid in combination with OSR configuration
This is observable with the ODR_CONFIG.flag odr_is_valid
8.36 Register (0x7E) Command Register
Bit
7
6
5
4
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
0
0
0
0
0
0
0
0
Content
cmd
•
cmd:(bit offset: 0) Available commands (Note: Register will always read as 0x00): no other values must be
written to this register
Value
Description
0xB6
Triggers a reset, all user configuration settings are
overwritten with their default state. If this register is set using
I2C, an ACK will NOT be transmitted to the host
0xA5
Last CMD in the sequence 0x5D, 0xA5 which enables the
read of the NVM. If another CMD is sent within the
sequence, the sequence for triggering the NVM read is reset.
0xA0
Last CMD in the sequence 0x5D, 0xA0 which enables the
write of the NVM. If another CMD is sent within the
sequence, the sequence for triggering the NVM programming
is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com