Electronic Components Datasheet Search
  English  ▼

X  

BMP585 Datasheet(PDF) 67 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 67 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 63Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 64Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 65Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 66Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 67Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 68Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 69Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 70Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 71Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
67 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
9.2.2 Engineering Samples
Table 28: Marking of engineering samples
Position
Name
Symbol
Remark
Upper Line
Lot counter
00, 01, ...
Two numeric digits; Engineering Lot Counter
(Trace Code)
Lower Line left &
middle
Sublot ID
KT
two alphanumeric digits; Product- and Supply
Chain identifier
Lower Line right
Eng. Sample ID
E
single alphanumeric digit; Engineering
identifier
Corner of pin 1
Pin 1
Orientation
Marker
Solid circle (on top side of substrate; defined
by opening in solder resist) with diameter of
275 μm
9.3 Moisture Sensitivity Level and Soldering
9.3.1 MSL and device storage
The BMP585 is classified as MSL 3 (moisture sensitivity level) according to IPC/JEDEC standards J-STD-020E and
JSTD-033D.
To ensure good solder-ability, the devices shall be stored at room temperature (20°C) before.
9.3.2 Soldering
The device has been tested for soldering according to J-STD-002E with Pb-free soldering.
The device has been tested for a total of up to 3 reflow soldering cycles. This could be a situation where a PCB is
mounted with devices from both sides (i.e., 2 reflow cycles necessary) and where in the next step an additional re-work
cycle could be required (1 reflow).
The soldering process can lead to an offset shift. The physical origin of this shift is not material aging, but mechanical
hysteresis frozen in by the soldering temperature cycle. Thus, the shift is temporary and ceases within 24 h after
soldering.
Multiple reflow cycles will not add up in multiple offset shifts. The device is in the same condition after every solder reflow
cycle.
Manual unsoldering can lead to further offset shift, especially if the soldering temperature and / or soldering time is above
the given values of 260°C and 40 s.
Avoid contact of the device with liquids or small particles.
The minimum height of the solder after reflow shall be at least 50 µm. This is required for a good mechanical decoupling
between sensor device and the printed circuit board (PCB).
9.3.3 Landing pattern
Bosch Sensortec suggests the BMP585 outline Dimensions (see section 9.1.2 “Bottom View”) as landing pattern.
When designing the solder paste silk print opening window, avoid excess solder paste to allow good reflow.
It is recommended to use a land pattern with a size of Footprint +25 μm on each side. We recommend at least 200 μm
distance between the pads. We do not recommend vias or traces under the BMP585. Furthermore, it is recommended
that there is no solder mask under the sensor. The recommended horizontal clearance for the solder mask is 20 μm on
each side. If the solder mask or other material underneath the sensor gets in contact with the sensor, there may be a
negative impact on performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com