Electronic Components Datasheet Search
  English  ▼

X  

BMP585 Datasheet(PDF) 37 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 37 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 39Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 40Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 41Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
37 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
5.6 I²C protocol
BMP585 supports the following I²C modes:
normal mode (100 kHz)
fast mode (100 - 400 kHz)
fast mode plus (400 kHz - 1 MHz)
The I²C slave address of BMP585 is 7'h46 for SDO = 1'b0 and 7'h47 for SDO = 1'b1. SDO must not be floating when I²C
is used, otherwise the I²C device address is undefined.
CSB has an integrated pull-up resistor, which can be enabled in I²C and I3C mode by setting
DRIVE_CONFIG.i2c_csb_pup_en.
5.6.1 I²C write operation
I²C write operation supports single-byte as well as multi-byte (burst) writing. Figure 13 depicts the I²C write transfer for
single-byte write operation. The transfer begins with a start condition generated by the host, followed by 7 bit slave
address and a write bit (R/W = 1'b0). The slave sends an acknowledge bit (ACK = 1'b0) and releases the bus.
Subsequently the host is expected to send the register address. Only the first 7 bit (right aligned) are the valid address
bit and the MSB is ignored. The slave shall again acknowledge the transmission and wait for the 8 bit data, which shall
be written to the specified register address. After slave acknowledges the data byte, the host generates a stop signal and
terminates the writing protocol.
Figure 13:
I²C
single-byte
write
BMP585 also supports multi-byte write operation in I2C mode. The multi-byte write telegram is depicted in Figure 14.
The telegram begins with a start condition generated by the host, followed by 7 bit slave address and a write bit (R/W =
1'b0). The slave sends an acknowledge bit (ACK = 1'b0) and releases the bus. Subsequently the host sends the one
byte register address. Only 7 bit (right aligned) are the valid address bits and the MSB shall be ignored. The slave shall
again acknowledge the transmission and wait for several 8 bit wide data words. The first data word is written to the
specified register address. The register address pointer is automatically incremented for each data word. Each received
data word is written to the register referenced by the current register address pointer. The slave acknowledges each data
byte. When no more data words need to be written, the host generates a stop signal and terminates the writing protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com