Electronic Components Datasheet Search
  English  ▼

X  

BMP585 Datasheet(PDF) 10 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 10 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 14Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
10 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
2 Specification
ALL OF THESE VALUES ARE TARGET VALUES.
If not stated otherwise,
All values are valid over the full voltage range
Minimum/maximum values are mean ±3 sigma values for the worst p/T setpoint
Typical values are the mean ±1 sigma values at the worst p/T setpoints
Typical values of currents and state machine timings are determined at 25 °C
Minimum/maximum values of currents are valid for the temperature range from -40…+85°C
Minimum/maximum values of timings are valid for the temperature range from -40…+85°C
Environmental conditions like temperature, RF and humidity are constant, unless ranges for these are specified.
Pressure performance is given in Table 1, temperature performance in Table 2. If not stated otherwise:
Performance parameters are valid for the range 30…110 kPa @ -5…+65 °C
Performance parameters are valid before soldering after storage in standard conditions according to Table 6.
Performance parameters are derived without preconditioning according to MSL3.
Performance parameters are measured in Bosch lab with dedicated pressure chamber and high-accuracy reference
equipment
„Post-solder“ refers to 3x reflow soldering after storage in standard conditions.
Environmental conditions, under which testing is performed, are divided in several ranges:
o Core Range: +15…+55°C, 70…110 kPa
o Extended Range: -5…+65°C, 30…110 kPa
o Operational Range: -40…+85°C, 30…110 kPa
o High pressure range: -40…+85°C, 110…125 kPa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com