Electronic Components Datasheet Search
  English  ▼

X  

BMP585 Datasheet(PDF) 17 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 17 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 21Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
17 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
4.2 Power management
The BMP585 has two separate power supply pins:
VDD is the main power supply for all internal analog and digital regulator blocks
VDDIO is a separate power supply pin, used for the supply of the digital interface
VDD and VDDIO pins can be energized in any order. A power-on reset generator is built in which resets the logic circuitry
and the register values after the power-on sequence. The slope for ramp up time must be within the limits given by t_-
VDDramp and t_VDDIOramp. After powering up, the sensor settles in sleep mode (see also section 4.3.9 Post-power-up
procedure).
Holding any interface pin (SDI, SDO, SCK or CSB) at a logical high level when VDDIO is switched off can permanently
damage the device due caused by excessive current flow through the ESD protection diodes.
4.3 Power modes
The power modes of BMP585 and transitions in between are depicted in Figure 2. After startup or soft-reset, the
BMP585 will be in DEEP STANDBY mode. Transitions from one mode to another are only possible by entering SLEEP
mode first.
Figure 2: Power modes diagram
4.3.1 STANDBY mode
In STANDBY mode, no measurements are performed and power consumption is at a minimum. All registers are
accessible for write and read. Mode transitions to other modes are possible. The pressure and temperature data
registers PRESS_DATA_XXX and TEMP_DATA_XXX keep the values of the last measurement executed. The FIFO. if
enabled, also maintains its content and can be read.
4.3.2 DEEP STANDBY
In order to further reduce the power consumption further, the BMP585 offers a DEEP_STANDBY mode. In this case,
power consumption is even lower than in STANDBY mode.
DEEP_STANDBY will only be entered if also the following conditions apply:
ODR_CONFIG.deep_dis = 0
ODR_CONFIG.odr < 5Hz
FIFO_SEL.fifo_frame_sel = DIS
DSP_IIR.set_iir_t = BYPASS
DSP_IIR.set_iir_p = BYPASS
If one of these settings is changed, the BMP585 transitions to STANDBY mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com