Electronic Components Datasheet Search
  English  ▼

X  

ADF41510 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF41510
Description  10 GHz, Integer-N/Fractional-N PLL Synthesizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41510 Datasheet(HTML) 4 Page - Analog Devices

  ADF41510 Datasheet HTML 1Page - Analog Devices ADF41510 Datasheet HTML 2Page - Analog Devices ADF41510 Datasheet HTML 3Page - Analog Devices ADF41510 Datasheet HTML 4Page - Analog Devices ADF41510 Datasheet HTML 5Page - Analog Devices ADF41510 Datasheet HTML 6Page - Analog Devices ADF41510 Datasheet HTML 7Page - Analog Devices ADF41510 Datasheet HTML 8Page - Analog Devices ADF41510 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
ADF41510
SPECIFICATIONS
analog.com
Rev. A | 4 of 29
Table 1. Specifications (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Output High Current, Output Low Current
(IOH, IOL)
500
µA
POWER SUPPLIES
AVDD1, AVDD2, AVDD3, AVDD4, AVDD5, VP
3.135
3.3
3.465
V
IDD11
1.9
2.2
mA
Current drawn by AVDD1
IDD21
60.5
78
mA
Current drawn by AVDD2
IDD31
2.6
3
mA
Current drawn by AVDD3
IDD41
1.3
1.6
mA
Current drawn by AVDD4
IDD51
15
17
mA
Current drawn by AVDD5
IP1
5.7
6.2
mA
Current drawn by VP
ITOTAL1
87
108
mA
Total current drawn by AVDDx and VP
Power-Down Mode
100
µA
TA = 25°C, CE is low, total of all rails
NOISE CHARACTERISTICS
Normalized Phase Noise Floor (PNSYNTH)
In Integer-N Mode2
−235
dBc/Hz
PLL loop bandwidth (BW) = 1 MHz (Integer-N mode)
In Fractional-N Mode3
−231
dBc/Hz
PLL loop BW = 1 MHz (Fractional-N mode)
Normalized 1∕f Noise (PN1_f)3
−128
dBc/Hz
10 kHz offset, normalized to 1 GHz
SPURIOUS SIGNALS
Reference Spurious
−90
dBc
At reference = 100 MHz, PLL loop BW = 40 kHz
PFD Spurious
−87
dBc
At PFD = 50 MHz, PLL loop BW = 40 kHz
In-Band Integer Boundary Spurious
−45
dBc
10 kHz offset, PLL loop BW = 250 kHz
1 Typ is at TA = 25°C, max is at TA = across Temperature, AVDDx = 3.3 V (where x = 1, 2, 3, or 4), fRFIN = 10.001 GHz, REFIN = 100 MHz, PFD frequency input (fPFD) = 100
MHz.
2 The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 log N (where N is the N divider value)
and 10 log fPFD. PNSYNTH is the total phase noise measured at the VCO output (PNTOT) − 10 log fPFD − 20 log N.
3 The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF output frequency,
fRF, and at a frequency offset, f, is given by phase noise (PN) = P1_f + 10 log(10 kHz/f) + 20 log(fRF/1 GHz). Both the normalized phase noise floor and flicker noise are
modeled in ADIsimPLL.
TIMING CHARACTERISTICS
AVDDx = AVDD1 = AVDD2 = AVDD3 = AVDD4 = AVDD5 = VP = 3.3 V ± 5%, GND = 0 V, RSET = 1.8 kΩ, dBm referred to 50 Ω, TA = TMIN (−40°C) to
TMAX (+105°C), unless otherwise noted.
Table 2. Read and Write Timing
Parameter
Limit at TMIN to TMAX
Unit
Test Conditions/Comments
t1
10
ns min
LE setup time
t2
5
ns min
DATA to CLK setup time
t3
5
ns min
DATA to CLK hold time
t4
12.5
ns min
CLK high duration
t5
12.5
ns min
CLK low duration
t6
5
ns min
CLK to LE setup time
t7
10
ns min
LE pulse width
t8
20
ns max
LE setup time to MUXOUT when MUXOUT is configured as SPI output
t9
20
ns max
CLK setup time to MUXOUT when MUXOUT is configured as SPI output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com