Electronic Components Datasheet Search
  English  ▼

X  

ADF41510 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF41510
Description  10 GHz, Integer-N/Fractional-N PLL Synthesizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41510 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF41510 Datasheet HTML 14Page - Analog Devices ADF41510 Datasheet HTML 15Page - Analog Devices ADF41510 Datasheet HTML 16Page - Analog Devices ADF41510 Datasheet HTML 17Page - Analog Devices ADF41510 Datasheet HTML 18Page - Analog Devices ADF41510 Datasheet HTML 19Page - Analog Devices ADF41510 Datasheet HTML 20Page - Analog Devices ADF41510 Datasheet HTML 21Page - Analog Devices ADF41510 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Data Sheet
ADF41510
REGISTER MAPS
analog.com
Rev. A | 18 of 29
►
Integer-N mode: 20 ≤ INT ≤ 511, fRFIN_MAX = 10 GHz
►
Fractional-N mode: 23 ≤ INT ≤ 511, fRFIN_MAX = 10 GHz
RDIV2
Register 5, Bit 22 controls the reference divide by 2 block. See the
N Divider and R Counter section for more information. This feature
can provide a 50% duty cycle signal to the PFD.
Reference Doubler
Register 5, Bit 21 controls the reference doubler block. See the N
Divider and R Counter section for more information.
R Counter
Register 5, Bits[20:16] control the R counter value. See the N
Divider and R Counter section for more information.
CLK1 Divider
Register 5, Bits[15:4] control the CLK1 divider value. See the Phase
Resync section for more information.
Figure 25. Register 4 (R4) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com