Electronic Components Datasheet Search
  English  ▼

X  

ADF41510 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF41510
Description  10 GHz, Integer-N/Fractional-N PLL Synthesizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41510 Datasheet(HTML) 1 Page - Analog Devices

  ADF41510 Datasheet HTML 1Page - Analog Devices ADF41510 Datasheet HTML 2Page - Analog Devices ADF41510 Datasheet HTML 3Page - Analog Devices ADF41510 Datasheet HTML 4Page - Analog Devices ADF41510 Datasheet HTML 5Page - Analog Devices ADF41510 Datasheet HTML 6Page - Analog Devices ADF41510 Datasheet HTML 7Page - Analog Devices ADF41510 Datasheet HTML 8Page - Analog Devices ADF41510 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Data Sheet
ADF41510
10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
1 GHz to 10 GHz bandwidth
►
Ultra-low noise phase locked loop (PLL)
►
Integer-N = −235 dBc/Hz, fractional-N = −231 dBc/Hz
►
High maximum phase frequency detector (PFD) frequency
►
Integer-N = 250 MHz, fractional-N = 125 MHz
►
25-bit fixed/49-bit variable fractional modulus mode
►
Single-ended reference input
►
3.3 V power supply, 3.3 V charge pump
►
Integrated 1.8 V logic capability
►
Phase resync
►
Programmable charge pump currents: 16× range
►
Digital lock detect (DLD)
►
3-wire serial interface with register readback option
►
Hardware and software power-down mode
►
Operating range: −40°C to +105°C
APPLICATIONS
►
Test equipment and instrumentation
►
Wireless infrastructure
►
Microwave point-to-point and multipoint radios
►
Very small aperture terminal (VSAT) radios
►
Aerospace and defense
GENERAL DESCRIPTION
The ADF41510 is an ultra-low noise frequency synthesizer that can
be used to implement local oscillators (LOs) as high as 10 GHz in
the upconversion and downconversion sections of wireless receiv-
ers and transmitters.
The ADF41510 is designed on a high-performance silicon germa-
nium (SiGe), bipolar complementary metal-oxide semiconductor
(BiCMOS) process, achieving a normalized phase noise floor
of −235 dBc/Hz. The PFD operates up to 250 MHz (integer-N
mode)/125 MHz (fractional-N mode) for improved phase noise and
spur performance. The variable modulus, ∑-Δ modulator, allows
extremely fine resolution when using a 49-bit divide value. The
ADF41510 can be used as an integer-N PLL, or it can be used as a
fractional-N PLL with either a fixed modulus for subhertz frequency
resolution or variable modulus for subhertz exact frequency resolu-
tion.
A complete PLL is implemented when the synthesizer is used with
an external loop filter and voltage-controlled oscillator (VCO). The
10 GHz bandwidth eliminates the need for a frequency doubler or
divider stage, simplifying system architecture and reducing cost.
The ADF41510 is packaged in a compact, 24-lead, 4 mm × 4 mm
LFCSP.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADF41510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF41510 AD-ADF41510 Datasheet
2Mb / 29P
10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. 0
ADF41510BCPZ AD-ADF41510BCPZ Datasheet
2Mb / 29P
10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. 0
ADF41510BCPZ-RL7 AD-ADF41510BCPZ-RL7 Datasheet
2Mb / 29P
10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. 0
More results

Similar Description - ADF41510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
7/11-Revision 0
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. B
logo
Texas Instruments
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
logo
Texas Instruments
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
High Voltage, Fractional-N/Integer N PLL Synthesizer
7/2016-Revision 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
Integer-N/Fractional-N PLL Synthesizer
4/14-Revision 0
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
Integer N/Fractional-N, PLL Synthesizer
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
1/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com