Electronic Components Datasheet Search
  English  ▼

X  

ADF41510 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF41510
Description  10 GHz, Integer-N/Fractional-N PLL Synthesizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41510 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF41510 Datasheet HTML 16Page - Analog Devices ADF41510 Datasheet HTML 17Page - Analog Devices ADF41510 Datasheet HTML 18Page - Analog Devices ADF41510 Datasheet HTML 19Page - Analog Devices ADF41510 Datasheet HTML 20Page - Analog Devices ADF41510 Datasheet HTML 21Page - Analog Devices ADF41510 Datasheet HTML 22Page - Analog Devices ADF41510 Datasheet HTML 23Page - Analog Devices ADF41510 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Data Sheet
ADF41510
REGISTER MAPS
analog.com
Rev. A | 20 of 29
Loss of Lock (LOL) Enable
If digital lock detect is asserted when loss of lock is enabled and
the reference signal is removed, digital lock detect goes low. Set
Register 6, Bit 18 = 1 to enable loss of lock (recommended).
Sigma-Delta (SD) Reset
When Register 6, Bit 17 = 0 on a write to Register 0, the SDM
is temporarily set to a fractional value of 0. The SD reset ensures
a consistent fractional spur pattern but also results in a glitch
in the output frequency when the N divider momentarily outputs
FRAC = 0. Remove this glitch by setting Register 6, Bit 17 = 1
(recommended setting).
CP Three-State, PD on
When Register 6, Bit 16 = 1, the charge pump is in three-state
mode but the phase detector (PD) is still operational. Set Register
6, Bit 16 = 0 for normal operation.
Lock Detector Precision (LDP)
Register 6, Bits[9:8] and Register 9, Bits[31:30] control the sensi-
tivity of the digital lock detector. Lock detect precision (Register
6, Bits[9:8]) in conjunction with lock detector bias (Register 9,
Bits[31:30]) adjusts the width of the digital lock detector window.
Lock is declared when the PFD reference arrival time and divided
VCO input arrival times consistently differ by less than the LDP
value. Small LDP settings may cause a false out of lock indication
when used with large bleed currents. See the Lock Detector section
for more information.
Phase Detector (PD) Polarity
If using a noninverting loop filter and a VCO with a positive tuning
slope, set the PD polarity to positive.
If using an inverting loop filter and a VCO with a negative tuning
slope, set the PD polarity to positive.
If using a noninverting loop filter and a VCO with a negative tuning
slope, set the PD polarity to negative.
If using an inverting loop filter and a VCO with a positive tuning
slope, set the PD polarity to negative.
Power Down
Set Register 6, Bit 6 = 1 to perform a software power-down. All
circuit blocks are disabled, and the chip enters a low power state
drawing approximately 4 mA. Set Register 6, Bit 6 = 0 to reenable
the chip. Register values are not lost during power-down. Only one
power-down mode is available via Register 11, Bit 31. Set Register
11, Bit 31 = 1 to leave the internal 1.8 V N divider regulator on
during power-down.
Note that Register 12, Bit 20 must be set to 0 when writing this
power-down bit. Otherwise, the chip cannot be powered back on
again by setting Register 6, Bit 6 = 0.
CP Three-State
Setting Register 6, Bit 5 = 1 puts the charge pump into three-state
mode. Set Register 6, Bit 5 = 0 for normal operation.
Counter Reset
Setting Register 6, Bit 4 = 1 holds the N divider and R counter in
reset, which results in no signals being received at the PFD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com