Electronic Components Datasheet Search
  English  ▼

X  

ADF41510 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF41510
Description  10 GHz, Integer-N/Fractional-N PLL Synthesizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41510 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF41510 Datasheet HTML 2Page - Analog Devices ADF41510 Datasheet HTML 3Page - Analog Devices ADF41510 Datasheet HTML 4Page - Analog Devices ADF41510 Datasheet HTML 5Page - Analog Devices ADF41510 Datasheet HTML 6Page - Analog Devices ADF41510 Datasheet HTML 7Page - Analog Devices ADF41510 Datasheet HTML 8Page - Analog Devices ADF41510 Datasheet HTML 9Page - Analog Devices ADF41510 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Data Sheet
ADF41510
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 6 of 29
TA = 25°C, unless otherwise noted.
Table 3. Absolute Maximum Ratings
Parameter
Rating
AVDDx to GND1
−0.3 V to +3.6 V
VP to GND
−0.3 V to +3.6 V
VP to AVDDx
−0.3 V to +0.3 V
Digital Input/Output Voltage to GND
−0.3 V to AVDDx + 0.3 V
Analog Input/Output Voltage to GND
−0.3 V to VP + 0.3 V
RFINA, RFINB to GND
−0.3 V to +3.6 V
RFINA to RFINB1
±1.4 V
REFIN to GND
−0.3 V to +2.1 V
Operating Temperature Range
Industrial
−40°C to +105°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
Operational
125°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Electrostatic Discharge (ESD)
Charged Device Model
1250 V
Human Body Model
1500 V
Transistor Count
CMOS
215,726
Bipolar
1625
1 Approximately 13 dBm into a 50 Ω input.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
This device is a high performance RF integrated circuit with an
ESD rating of <2 kV, and the device is ESD sensitive. Take proper
precautions for handling and assembly.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJC is the junction
to case thermal resistance.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-24-81
48
38
°C/W
1 The thermal resistance values are defined per the JESD51 standard.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com