Electronic Components Datasheet Search
  English  ▼

X  

ADF41510 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF41510
Description  10 GHz, Integer-N/Fractional-N PLL Synthesizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41510 Datasheet(HTML) 3 Page - Analog Devices

  ADF41510 Datasheet HTML 1Page - Analog Devices ADF41510 Datasheet HTML 2Page - Analog Devices ADF41510 Datasheet HTML 3Page - Analog Devices ADF41510 Datasheet HTML 4Page - Analog Devices ADF41510 Datasheet HTML 5Page - Analog Devices ADF41510 Datasheet HTML 6Page - Analog Devices ADF41510 Datasheet HTML 7Page - Analog Devices ADF41510 Datasheet HTML 8Page - Analog Devices ADF41510 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Data Sheet
ADF41510
SPECIFICATIONS
analog.com
Rev. A | 3 of 29
AVDDx = AVDD1 = AVDD2 = AVDD3 = AVDD4 = AVDD5 = VP = 3.3 V ± 5%, GND = 0 V, RSET = 1.8 kΩ, dBm referred to 50 Ω, TA = TMIN (−40°C) to
TMAX (+105°C), unless otherwise noted.
Table 1. Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RADIO FREQUENCY (RF)
CHARACTERISTICS
RF Input Sensitivity
−11
dBm
See Figure 9 and Figure 10 for more information
fRFIN Range
1
10
GHz
For lower frequencies, ensure slew rate > 320 V/µs
RF Input Sensitivity Range
−7
+5
dBm
Measured single-ended to RFINA through a 1 pF series
capacitor, 1 pF capacitor to GND on RFINB
INPUT REFERENCE FREQUENCY (REFIN)
CHARACTERISTICS
REFIN Input
Frequency
10
800
MHz
Voltage Range
0
1.8
V
Sensitivity Range
−10
+8
dBm
Biased at 1 V (AC coupling ensures 1 V bias), use square
wave at low power and/or frequency to ensure slew rate is
> 320 V/µs; for best in-band phase noise performance, ensure
slew rate > 500 V/µs
Capacitance
10
pF
Current
±150
µA
Doubler Input Frequency
225
MHz
Maximum reference frequency when the doubler is enabled
MAXIMUM PFD FREQUENCY
Integer-N Mode
250
MHz
Fractional-N Mode
125
MHz
N DIVIDER RANGE
16-Bit N Divider Range
Integer-N Mode
20
511
Fractional-N Mode
23
511
CHARGE PUMP (CP)
CP Current (ICP) Sink and Source
Programmable
High Value
7.2
mA
With RSET = 1.8 kΩ
Low Value
0.45
mA
Absolute Accuracy
5
%
With RSET = 1.8 kΩ
RSET Range
1.8
2.7
10
kΩ
5% accuracy
ICP Three-State Leakage
2
nA
VCP = 0.9 V, TA = 25°C
Sink and Source Current Matching
5
%
0.7 V ≤ CP voltage (VCP) ≤ VP − 0.7 V
ICP vs. VCP
5
%
0.7 V ≤ VCP ≤ VP − 0.7 V
ICP vs. Temperature
5
%
VCP = VP/2
LOGIC INPUTS
Input Voltage
High (VIH)
1.4
V
The serial port interface (SPI) block can accept both 1.8 V or
3.3 V logic inputs
Low (VIL)
0.6
V
Input Current (IINH, IINL)
±1
µA
Input Capacitance (CIN)
10
pF
LOGIC OUTPUTS
Output Voltage
High (VOH)
1.4
V
MUXOUT voltage = 1.8 V, DLD voltage = 1.8 V
2.6
V
MUXOUT voltage = 3.3 V, DLD voltage = 3.3 V
Low (VOL)
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com