Electronic Components Datasheet Search
  English  ▼

X  

ADF41510 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF41510
Description  10 GHz, Integer-N/Fractional-N PLL Synthesizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41510 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF41510 Datasheet HTML 3Page - Analog Devices ADF41510 Datasheet HTML 4Page - Analog Devices ADF41510 Datasheet HTML 5Page - Analog Devices ADF41510 Datasheet HTML 6Page - Analog Devices ADF41510 Datasheet HTML 7Page - Analog Devices ADF41510 Datasheet HTML 8Page - Analog Devices ADF41510 Datasheet HTML 9Page - Analog Devices ADF41510 Datasheet HTML 10Page - Analog Devices ADF41510 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Data Sheet
ADF41510
PIN CONFIGURATION AND FUNCTION DESCRIPTION
analog.com
Rev. A | 7 of 29
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground Pin.
2, 3
AVDD1
PFD and Up and Down Digital Driver Power Supply. Pin 2 and Pin 3 can be tied together. With Pin 2 and Pin 3 tied together, place three
parallel capacitors as close as possible to the AVDD1 pins: 10 µF, 100 nF, and 100 pF.
4
RFINB
Complementary Input to the RF Prescaler. In single-ended mode, decouple this pin to the ground plane with a small bypass capacitor, typically
100 pF.
5
RFINA
Input to the RF Prescaler. AC-couple this signal to the external VCO.
6
AVDD2
RF Buffer and Prescaler Power Supply. Place three parallel capacitors as close as possible to the AVDD2 pin: 10 µF, 100 nF, and 100 pF.
7
AVDD3
N Divider Power Supply. Place three parallel capacitors as close as possible to the AVDD3 pin: 10 µF, 100 nF, and 100 pF.
8
AVDD4
R Divider and Lock Detector Power Supply. Place three parallel capacitors as close as possible to the AVDD4 pin: 10 µF, 1 µF, and 100 nF. Pin
8 powers the internal low dropout (LDO) regulator for the reference divider.
9
AVDD5
Σ-Δ Modulator and SPI Power Supply. Place three parallel capacitors as close as possible to the AVDD5 pin: 10 µF, 1 µF, and 100 nF. This pin
powers the internal LDO regulator for the Σ-Δ modulator.
10
REFIN
Reference Input. The reference can accept either a single-ended CMOS (DC-coupled) or single-ended sine wave (AC‑coupled). The
single-ended input has a nominal threshold of 1 V and a DC equivalent input resistance of 20 kΩ.
11
DLD
Digital Lock Detect Pin. A logic high on this pin indicates PLL lock.
12
TXDATA
Transmit Data Pin. Pin 12 is not used. Connect Pin 12 to GND.
13
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump output into three-state mode. Registers do not hold
their values when CE is low. This pin only supports 3.3 V logic inputs.
14
CLK
Serial Clock Input. CLK clocks in the serial data to the registers. The data is latched into the 32-bit shift register on the CLK rising edge. This
input is a high-impedance CMOS input.
15
DATA
Serial Data Input. The serial data is loaded most significant bit (MSB) first with the two least significant bits (LSBs) as the control bits. This
input is a high-impedance CMOS input.
16
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the four latches. Select the latch
using the control bits.
17
MUXOUT
Multiplexer Output. This multiplexer output allows the lock detect, the scaled RF, the scaled reference frequency, logic high, logic low, or
register readback data to be accessed externally.
18
CREG1
Internal 1.8 V Regulator Output Pin. Place three parallel capacitors as close to the CREG1 pin as possible: 4.7 µF, 100 nF, and 1 nF.
19
CREG2
Internal 1.8 V Regulator Output Pin. Place three parallel capacitors as close to the CREG2 pin as possible: 4.7 µF, 100 nF, and 1 nF.
20
DC1
DC Bias Pin 1. Place a 1 µF capacitor in parallel with a 1 nF capacitor to ground, as close as possible to the DC1 pin.
21
DC2
DC Bias Pin 2. Place a 1 µF capacitor in parallel with a 1 nF capacitor to ground, as close as possible to the DC2 pin.
22
VP
Charge Pump Power Supply.
23
RSET
Maximum Charge Pump Current Setting Resistor. Connecting a resistor between the RSET pin and GND sets the maximum charge pump
output current. The nominal voltage potential at the RSET pin is 0.66 V. The relationship between ICP and RSET is ICP_MAX = 12.96/RSET. For
example, with RSET = 2.7 kΩ, ICP MAX = 4.8 mA. The relationship between bleed current (IBLEED) and RSET is IBLEED_MIN = 0.0103/RSET. For
example, with RSET = 2.7 kΩ, IBLEED_MIN = 3.81 µA.
24
CP
Charge Pump Output. When enabled, this pin provides ±ICP to the external loop filter, which in turn drives the external VCO.
EPAD
Exposed Pad. The exposed pad must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com