Electronic Components Datasheet Search
  English  ▼

X  

ADF41510 Datasheet(PDF) 12 Page - Analog Devices

Part # ADF41510
Description  10 GHz, Integer-N/Fractional-N PLL Synthesizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41510 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF41510 Datasheet HTML 8Page - Analog Devices ADF41510 Datasheet HTML 9Page - Analog Devices ADF41510 Datasheet HTML 10Page - Analog Devices ADF41510 Datasheet HTML 11Page - Analog Devices ADF41510 Datasheet HTML 12Page - Analog Devices ADF41510 Datasheet HTML 13Page - Analog Devices ADF41510 Datasheet HTML 14Page - Analog Devices ADF41510 Datasheet HTML 15Page - Analog Devices ADF41510 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
ADF41510
THEORY OF OPERATION
analog.com
Rev. A | 12 of 29
(IBLEED/ICP) × tPFD
(4)
LD_COUNT can range from 2 counts to 8192 counts. The fast-
est lock indication requires two measurement cycles (20 ns with
100 MHz reference, R = 1, and LD_CLK_SEL = 1). In practice,
the lock indication takes much longer because of the loop filter on
the phase comparator. When LD_CLK_SEL = 0, a minimum 64
measurements are required (640 ns).
READBACK
Register data can be read by setting MUXOUT to serial data output.
In this mode, the MUXOUT line concurrently transfers 32 bits of the
previous written register value while clocking in 32 bits of write data.
To read back a specific register, chip revision code, or bit pattern,
write 1000b to Bits[31:28], Register 12. Bits[19:14] in Register 12
set the data that is output from the MUXOUT pin when in readback
mode.
To prevent spurious writes, the DATA pin must be held at logic low
while a readback is taking place.
INPUT SHIFT REGISTERS
The ADF41510 contains a programmable digital block. Data is
clocked into the 32-bit shift register on each rising edge of CLK.
The data is clocked in MSB first. Data is transferred from the
shift register to the chosen register on the rising edge of LE. The
destination latch is determined by the state of the four control bits
(C4, C3, C2, and C1) in the shift register. The following are the four
LSBs: DB3, DB2, DB1, and DB0. The truth table for these bits is
shown in Table 6. Figure 18 through Figure 20 show a summary of
how the registers are programmed.
PROGRAM MODES
Table 6 and Figure 21 through Figure 34 show how to set up the
program modes in the ADF41510.
Several settings in the ADF41510 are double buffered. These set-
tings include MOD2, FRAC1, FRAC2, R counter value, reference
doubler, CP current setting, RDIV2, phase word, prescaler, and
CLK1 divider. Two events must occur before the device uses a new
value for any of the double buffered settings. First, the new value
is latched into the device by writing to the appropriate register. Sec-
ond, a new write must be performed on Register 0. For example,
updating the FRAC1 value requires a write to Register 1 and a
write to Register 0. Write to Register 1 first, followed by the write to
Register 0. The frequency change begins after the write to Register
0. Double buffering ensures that the bits written to Register 1 do not
take effect until after the write to Register 0.
Table 6. C4, C3, C2, and C1 Truth Table
Control Bits
Register
C4
C3
C2
C1
0
0
0
0
R0
0
0
0
1
R1
0
0
1
0
R2
0
0
1
1
R3
0
1
0
0
R4
0
1
0
1
R5
0
1
1
0
R6
0
1
1
1
R7
1
0
0
0
R8
1
0
0
1
R9
1
0
1
0
R10
1
0
1
1
R11
1
1
0
0
R12
1
1
0
1
R13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com