Electronic Components Datasheet Search
  English  ▼

X  

ADF41510 Datasheet(PDF) 19 Page - Analog Devices

Part # ADF41510
Description  10 GHz, Integer-N/Fractional-N PLL Synthesizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41510 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF41510 Datasheet HTML 15Page - Analog Devices ADF41510 Datasheet HTML 16Page - Analog Devices ADF41510 Datasheet HTML 17Page - Analog Devices ADF41510 Datasheet HTML 18Page - Analog Devices ADF41510 Datasheet HTML 19Page - Analog Devices ADF41510 Datasheet HTML 20Page - Analog Devices ADF41510 Datasheet HTML 21Page - Analog Devices ADF41510 Datasheet HTML 22Page - Analog Devices ADF41510 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Data Sheet
ADF41510
REGISTER MAPS
analog.com
Rev. A | 19 of 29
Figure 26. Register 5 (R5) Map
REGISTER 6 (R6) MAP
Bleed Current
Register 6, Bits[31:24] set the bleed current. If the PD polarity is set
to positive, the optimum bleed current is set by
Bleed Value = floor(90 × (fPFD/100 MHz) × (ICP_CODE + 1)/16)
(6)
where:
Bleed Value is the value programmed to Register 6, Bits[31:24].
ICP_CODE is the charge pump current setting programmed to Regis-
ter 5, Bits[28:25].
fPFD is the PFD frequency in MHz.
If the PD polarity is set to negative, the optimum bleed current is set
by
Bleed Value = floor(144 × (fPFD/100 MHz) × (ICP_CODE
+1)/16)
(7)
Bleed Polarity
Register 6, Bit 23 controls the polarity of the bleed current. Negative
polarity is the typical usage.
Bleed Enable
In fractional-N mode of operation, charge pump linearity (and
ultimately phase noise and spurious performance) is improved if
the VCO and reference inputs to the phase detector operate with
a phase offset. This phase offset is implemented by adding a
constant bleed current at the output of the charge pump. Use bleed
only when operating in fractional-N mode, that is, FRAC1 or FRAC2
not equal to 0. Set Register 6, Bit 22 = 1 to enable bleed.
INT Mode
Register 6, Bit 20 completely disables the fractional-N Σ-Δ modula-
tor (SDM). Setting Register 6, Bit 20 = 1 disables the SDM so the
ADF41510 operates purely in Integer-N mode. Disabling the SDM
improves phase noise performance and changes the frequency
resolution to fPFD.
ABP
Register 6, Bit 19 affects the anti-backlash pulse (ABP) width.
The recommended setting for best figure of merit (FOM) is narrow
(Register 6, Bit 19 = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com