Electronic Components Datasheet Search
  English  ▼

X  

TMP400 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP400
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP400 Datasheet(HTML) 4 Page - Texas Instruments

  TMP400 Datasheet HTML 1Page - Texas Instruments TMP400 Datasheet HTML 2Page - Texas Instruments TMP400 Datasheet HTML 3Page - Texas Instruments TMP400 Datasheet HTML 4Page - Texas Instruments TMP400 Datasheet HTML 5Page - Texas Instruments TMP400 Datasheet HTML 6Page - Texas Instruments TMP400 Datasheet HTML 7Page - Texas Instruments TMP400 Datasheet HTML 8Page - Texas Instruments TMP400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
3
2
1
0
-1
-2
-3
AmbientTemperature,T ( C)
°
A
-50
-25
125
100
75
50
25
0
V =3.3V
S
T
=+25 C
REMOTE
°
30TypicalUnitsShown
h =1.008
RC=1
AmbientTemperature,T (
A °C)
3.0
2.0
1.0
0
-1.0
-2.0
-3.0
-50
125
-25
0
25
50
75
100
50UnitsShown
V =3.3V
S
60
40
20
0
-20
-40
-60
LeakageResistance(M )
W
0
5
10
15
20
25
R
GND
-
R
V
S
-
R
W
( )
S
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
0
3000
500
1000
1500
2000
2500
V =2.7V
S
V =5.5V
S
RC=1
3
2
1
0
-1
-2
-3
Capacitance(nF)
0
0.5
1.0
1.5
2.0
2.5
3.0
R (W)
S
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
0
3000
500
1000
1500
2000
2500
V =2.7V
S
V =5.5V
S
RC=1
TMP400
SBOS404 – DECEMBER 2007
At TA = +25°C and VS = 5.0V, unless otherwise noted.
REMOTE TEMPERATURE ERROR
LOCAL TEMPERATURE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 1.
Figure 2.
REMOTE TEMPERATURE ERROR
REMOTE TEMPERATURE ERROR vs SERIES RESISTANCE
vs LEAKAGE RESISTANCE
(Diode-Connected Transistor, 2N3906 PNP)
Figure 3.
Figure 4.
REMOTE TEMPERATURE ERROR vs SERIES RESISTANCE
REMOTE TEMPERATURE ERROR
(GND Collector-Connected Transistor, 2N3906 PNP)
vs DIFFERENTIAL CAPACITANCE
Figure 5.
Figure 6.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TMP400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com