Electronic Components Datasheet Search
  English  ▼

X  

TMP400 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMP400
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP400 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP400 Datasheet HTML 14Page - Texas Instruments TMP400 Datasheet HTML 15Page - Texas Instruments TMP400 Datasheet HTML 16Page - Texas Instruments TMP400 Datasheet HTML 17Page - Texas Instruments TMP400 Datasheet HTML 18Page - Texas Instruments TMP400 Datasheet HTML 19Page - Texas Instruments TMP400 Datasheet HTML 20Page - Texas Instruments TMP400 Datasheet HTML 21Page - Texas Instruments TMP400 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
www.ti.com
SMBUS ALERT FUNCTION
UNDERVOLTAGE LOCKOUT
GENERAL CALL RESET
SHUTDOWN MODE (SD)
IDENTIFICATION REGISTERS
SENSOR FAULT
FILTERING
TMP400
SBOS404 – DECEMBER 2007
The TMP400 supports the SMBus Alert function. The
The TMP400 senses when the power-supply voltage
ALERT pin of the TMP400 may be connected as an
has reached a minimum voltage level for the ADC
SMBus Alert signal. When a master detects an alert
converter to function. The detection circuitry consists
condition on the ALERT line, the master sends an
of a voltage comparator that enables the ADC
SMBus Alert command (00011001) on the bus. If the
converter after the power supply (V+) exceeds 2.45V
ALERT pin of the TMP400 is active, the device
(typical). The comparator output is continuously
acknowledges
the
SMBus
Alert
command
and
checked during a conversion. The TMP400 does not
respond by returning its slave address on the SDA
perform a temperature conversion if the power supply
line. The eighth bit (LSB) of the slave address byte
is not valid. The last valid measured temperature is
indicates whether the temperature exceeding one of
used for the temperature measurement result.
the temperature high limit settings or falling below
one of the temperature low limit settings caused the
alert condition. This bit is high if the temperature is
The TMP400 supports reset via the Two-Wire
greater than or equal to one of the temperature high
General
Call
address
00h
(0000
0000b).
The
limit settings; this bit is low if the temperature is less
TMP400 acknowledges the General Call address and
than one of the temperature low limit settings. See
responds to the second byte. If the second byte is
Figure 17 for details of this sequence.
06h (0000 0110b), the TMP400 executes a software
If multiple devices on the bus respond to the SMBus
reset, while latching the status of the address pins.
Alert command, arbitration during the slave address
This software reset restores the power-on reset state
portion of the SMBus Alert command determines
to all TMP400 registers, aborts any conversion in
which device will clear its alert status. If the TMP400
progress, and clears the ALERT pin. If the second
wins the arbitration, its ALERT pin becomes inactive
byte is 04h (0000 0100b), the TMP400 latches the
at the completion of the SMBus Alert command. If the
status of the address pins, but does not reset. The
TMP400 loses the arbitration, the ALERT pin remains
TMP400 takes no action in response to other values
active.
in the second byte. A 500
µs time delay must be taken
after a general call command.
The TMP400 Shutdown Mode allows the user to save
maximum power by shutting down all device circuitry
The TMP400 allows for the Two-Wire bus controller
other than the serial interface, reducing current
to query the device for manufacturer and device IDs
consumption to typically less than 3
µA; see typical
to allow for software identification of the device at the
characteristic curve Shutdown Quiescent Current vs
particular Two-Wire bus address. The manufacturer
Supply Voltage (Figure 10). Shutdown Mode is
ID is obtained by reading from pointer address FEh.
enabled when the SD bit of the Configuration
The device ID is obtained by reading from pointer
Register is high; the device shuts down once the
address FFh. The TMP400 returns 55h for the
current conversion is completed. When SD is low, the
manufacturer code and 01h for the device ID. These
device maintains a continuous conversion state.
registers are read-only.
The TMP400 senses a fault at the D+ input resulting
Remote junction temperature sensors are usually
from incorrect diode connection or an open circuit.
implemented in a noisy environment. Noise is most
The
detection
circuitry
consists
of
a
voltage
often created by fast digital signals, and it can corrupt
comparator that trips when the voltage at D+ exceeds
measurements. The TMP400 has a built-in 65kHz
(V+) – 0.6V (typical). The comparator output is
filter on the inputs of D+ and D– to minimize the
continuously checked during a conversion. If a fault is
effects of noise. However, a bypass capacitor placed
detected, the result reads 7FFh (0111 1111 1111b)
differentially
across
the
inputs
of
the
remote
and is used for the temperature measurement result;
temperature sensor is recommended to make the
the OPEN bit (Status Register, bit 2) is set high, and,
application more robust against unwanted coupled
if the alert function is enabled, ALERT asserts low.
signals. The value of the capacitor should be
between 100pF and 1nF. Some applications attain
When not using the remote sensor with the TMP400,
better
overall
accuracy
with
additional
series
the D+ and D– inputs must be connected together to
resistance; however, this increased accuracy is
prevent meaningless fault warnings.
setup-specific. When series resistance is added, the
value should not be greater than 3k
Ω and resistance
correction must be enabled (RC = 1).
18
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TMP400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com