Electronic Components Datasheet Search
  English  ▼

X  

TMP400 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMP400
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP400 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP400 Datasheet HTML 15Page - Texas Instruments TMP400 Datasheet HTML 16Page - Texas Instruments TMP400 Datasheet HTML 17Page - Texas Instruments TMP400 Datasheet HTML 18Page - Texas Instruments TMP400 Datasheet HTML 19Page - Texas Instruments TMP400 Datasheet HTML 20Page - Texas Instruments TMP400 Datasheet HTML 21Page - Texas Instruments TMP400 Datasheet HTML 22Page - Texas Instruments TMP400 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
www.ti.com
REMOTE SENSING
MEASUREMENT ACCURACY AND THERMAL
T
=
ERR
n
1.008
-
1.008
´
°
[273.15+T( C)]
(4)
T
=
ERR
1.004
1.008
-
1.008
´
°
(273.15+100 C)
T
= 1.48
-
ERR
°C
(5)
TMP400
SBOS404 – DECEMBER 2007
If filtering is needed, the suggested component
2. Base-emitter voltage < 0.95V at 120
µA, at the
values are 100pF and 50
Ω on each input. Exact
lowest sensed temperature.
values are application specific. Resistance correction
3. Base resistance < 100
Ω.
must be enabled to avoid offset correction.
4. Tight control of VBE characteristics indicated by
small variations in hFE (that is, 50 to 150).
Based
on
these
criteria,
two
recommended
The TMP400 is designed to be used with either
small-signal transistors are the 2N3904 (NPN) or
discrete transistors or substrate transistors built into
2N3906 (PNP).
processor chips and ASICs. Either NPN or PNP
transistors can be used, as long as the base-emitter
junction is used as the remote temperature sense.
CONSIDERATIONS
Either a transistor or diode connection can also be
used; see Figure 11.
The temperature measurement accuracy of the
TMP400
depends
on
the
remote
and/or
local
Errors in remote temperature sensor readings are
temperature sensor being at the same temperature
generally the consequence of the ideality factor and
as the system point being monitored. Clearly, if the
current excitation used by the TMP400 versus the
temperature sensor is not in good thermal contact
manufacturer-specified operating current for a given
with the part of the system being monitored, then
transistor. Some manufacturers specify a high-level
there will be a delay in the response of the sensor to
and low-level current for the temperature-sensing
a temperature change in the system. For remote
substrate transistors. The TMP400 uses 6
µA for I
LOW
temperature sensing applications using a substrate
and 120
µA for I
HIGH. The TMP400 allows for different
transistor (or a small, SOT23 transistor) placed close
n-factor values; see the N-Factor Correction Register
to the device being monitored, this delay is usually
section.
not a concern.
The ideality factor (n) is a measured characteristic of
The local temperature sensor inside the TMP400
a remote temperature sensor diode as compared to
monitors the ambient air around the device. The
an ideal diode. The ideality factor for the TMP400 is
thermal
time
constant
for
the
TMP400
is
trimmed to be 1.008. For transistors whose ideality
approximately two seconds. This constant implies
factor does not match the TMP400, Equation 4 can
that if the ambient air changes quickly by 100
°C, it
be used to calculate the temperature error. Note that
would take the TMP400 about 10 seconds (that is,
for
the
equation
to
be
used
correctly,
actual
five thermal time constants) to settle to within 1
°C of
temperature (
°C) must be converted to Kelvin (°K).
the final value. In most applications, the TMP400
package is in electrical (and therefore, thermal)
contact with the printed circuit board (PCB), as well
as subjected to forced airflow. The accuracy of the
Where:
measured temperature directly depends on how
accurately the PCB and forced airflow temperatures
n = Ideality factor of remote temperature sensor
represent the temperature that the TMP400 is
T(
°C) = actual temperature
measuring. Additionally, the internal power dissipation
TERR = Error in TMP400 reading due to n ≠ 1.008
of the TMP400 can cause the temperature to rise
Degree delta is the same for
°C and °K
above the ambient or PCB temperature. The internal
power dissipated as a result of exciting the remote
For n = 1.004 and T(
°C) = 100°C:
temperature sensor is negligible because of the small
currents used. For a 5.5V supply and maximum
conversion rate of eight conversions per second, the
TMP400 dissipates 1.82mW (PDIQ = 5.5V × 420µA).
If the ALERT pin is sinking 1mA, an additional power
of 0.4mW is dissipated (PDOUT = 1mA × 0.4V =
If a discrete transistor is used as the remote
0.4mW). Total power dissipation is then 2.22mW
temperature sensor with the TMP400, the best
(PDIQ + PDOUT) and, with an θJA of 150°C/W, causes
accuracy can be achieved by selecting the transistor
the
junction
temperature
to
rise
approximately
according to the following criteria:
0.333
°C above the ambient.
1. Base-emitter voltage > 0.25V at 6
µA, at the
highest sensed temperature.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TMP400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com