Electronic Components Datasheet Search
  English  ▼

X  

TMP400 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMP400
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP400 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP400 Datasheet HTML 10Page - Texas Instruments TMP400 Datasheet HTML 11Page - Texas Instruments TMP400 Datasheet HTML 12Page - Texas Instruments TMP400 Datasheet HTML 13Page - Texas Instruments TMP400 Datasheet HTML 14Page - Texas Instruments TMP400 Datasheet HTML 15Page - Texas Instruments TMP400 Datasheet HTML 16Page - Texas Instruments TMP400 Datasheet HTML 17Page - Texas Instruments TMP400 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.ti.com
TIMING DIAGRAMS
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BUF)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
P
S
S
P
TMP400
SBOS404 – DECEMBER 2007
reads from the same register are desired, it is not
Stop Data Transfer: A change in the state of the
necessary to continually send the Pointer Register
SDA line from low to high while the SCL line is high
bytes, because the TMP400 retains the Pointer
defines
a
STOP
condition.
Each
data
transfer
Register value until it is changed by the next write
terminates
with
a
repeated
START
or
STOP
operation. Note that register bytes are sent MSB first,
condition.
followed by the LSB.
Data Transfer: The number of data bytes transferred
between a START and a STOP condition is not
limited and is determined by the master device. The
receiver acknowledges the transfer of data.
Figure 13 to Figure 16 describe various operations on
the
TMP400.
Bus
definitions
are
given
below.
Acknowledge:
Each
receiving
device,
when
Parameters for Figure 13 are defined in Table 10.
addressed, is obliged to generate an Acknowledge
bit. A device that acknowledges must pull down the
Bus Idle: Both SDA and SCL lines remain high.
SDA line during the Acknowledge clock pulse in such
Start Data Transfer: A change in the state of the
a way that the SDA line is stable low during the high
SDA line, from high to low, while the SCL line is high,
period of the Acknowledge clock pulse. Setup and
defines a START condition. Each data transfer
hold times must be taken into account. On a master
initiates with a START condition.
receive, data transfer termination can be signaled by
the master generating a Not-Acknowledge on the last
byte that has been transmitted by the slave.
Figure 13. Two-Wire Timing Diagram
Table 10. Timing Diagram Definitions for Figure 13
FAST MODE
HIGH-SPEED MODE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
SCL Operating Frequency
f(SCL)
0.001
0.4
0.001
3.4
MHz
Bus Free Time Between STOP and START Condition
t(BUF)
600
160
ns
Hold time after repeated START condition.
t(HDSTA)
100
100
ns
After this period, the first clock is generated.
Repeated START Condition Setup Time
t(SUSTA)
100
100
ns
STOP Condition Setup Time
t(SUSTO)
100
100
ns
Data Hold Time
t(HDDAT)
0(1)
0(2)
ns
Data Setup Time
t(SUDAT)
100
10
ns
SCL Clock LOW Period
t(LOW)
1300
160
ns
SCL Clock HIGH Period
t(HIGH)
600
60
ns
Clock/Data Fall Time
tF
300
ns
Clock/Data Rise Time
tR
300
160
ns
for SCL
≤ 100kHz
tR
1000
160
(1)
For cases with fall time of SCL less than 20ns and/or the rise time or fall time of SDA less than 20ns, the hold time should be greater
than 20ns.
(2)
For cases with fall time of SCL less than 10ns and/or the rise or fall time of SDA less than 10ns, the hold time should be greater than
10ns.
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TMP400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com