Electronic Components Datasheet Search
  English  ▼

X  

TMP400 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP400
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP400 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP400 Datasheet HTML 13Page - Texas Instruments TMP400 Datasheet HTML 14Page - Texas Instruments TMP400 Datasheet HTML 15Page - Texas Instruments TMP400 Datasheet HTML 16Page - Texas Instruments TMP400 Datasheet HTML 17Page - Texas Instruments TMP400 Datasheet HTML 18Page - Texas Instruments TMP400 Datasheet HTML 19Page - Texas Instruments TMP400 Datasheet HTML 20Page - Texas Instruments TMP400 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
www.ti.com
HIGH-SPEED MODE
ALERT (PIN 11)
TIMEOUT FUNCTION
STBY (PIN 15)
Measured
Temperature
ALERTHighLimit
ALERTLowLimitHysteresis
ALERT
SMBusALERT
Read
Read
Time
Read
TMP400
SBOS404 – DECEMBER 2007
In order for the Two-Wire bus to operate at
The ALERT pin of the TMP400 is dedicated to alarm
frequencies above 400kHz, the master device must
functions. This pin has an open-drain output that
issue a High-speed mode (Hs-mode) master code
requires a pull-up resistor to V+. It can be wire-ORed
(00001XXX) as the first byte after a START condition
together with other alarm pins for system monitoring
to switch the bus to high-speed operation. The
of multiple sensors. The ALERT pin is intended for
TMP400
does
not
acknowledge
this
byte,
but
use as an earlier warning interrupt, and can be
switches the input filters on SDA and SCL and the
software disabled, or masked.
output filter on SDA to operate in Hs-mode, allowing
The ALERT pin (pin 11) asserts low when either the
transfers at up to 3.4MHz. After the Hs-mode master
measured local or remote temperature violates the
code has been issued, the master transmits a
range limit set by the corresponding Local/Remote
Two-Wire slave address to initiate a data transfer
Temperature High/Low Limit Registers. This alert
operation. The bus continues to operate in Hs-mode
function can be configured to assert only if the range
until a STOP condition occurs on the bus. Upon
is violated a specified number of consecutive times
receiving the STOP condition, the TMP400 switches
(1, 2, 3, or 4). The consecutive violation limit is set in
the
input
and
output
filter
back
to
fast-mode
the Consecutive Alert Register. False alerts that
operation.
occur as a result of environmental noise can be
prevented by requiring consecutive faults. ALERT
also asserts low if the remote temperature sensor is
open-circuit. When the MASK function is enabled
When bit 7 of the Consecutive Alert Register is set
(Configuration Register: bit 7 = 1), ALERT is disabled
high, the TMP400 timeout function is enabled. The
(that is, masked). ALERT resets when the master
TMP400 resets the serial interface if either SCL or
reads the device address, as long as the condition
SDA are held low for 30ms (typical) between a
that caused the alert no longer persists, and the
START and STOP condition. If the TMP400 is
Status Register has been reset.
holding the bus low, it releases the bus and waits for
a START condition. To avoid activating the timeout
function, it is necessary to maintain a communication
speed of at least 1kHz for the SCL operating
The TMP400 features a standby pin (STBY) that,
frequency. The default state of the timeout function is
when pulled low, disables the device. During normal
enabled (bit 7 = high).
operation STBY should be tied high (V+). When
STBY is pulled low, the TMP400 is immediately
disabled.
If
the
TMP400
receives
a
One-Shot
command when STBY is pulled low, the command is
ignored and the TMP400 continues to be disabled
until STBY is pulled high.
Figure 18. SMBus Alert Timing Diagram
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TMP400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com