Electronic Components Datasheet Search
  English  ▼

X  

TMP400 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP400
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP400 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP400 Datasheet HTML 7Page - Texas Instruments TMP400 Datasheet HTML 8Page - Texas Instruments TMP400 Datasheet HTML 9Page - Texas Instruments TMP400 Datasheet HTML 10Page - Texas Instruments TMP400 Datasheet HTML 11Page - Texas Instruments TMP400 Datasheet HTML 12Page - Texas Instruments TMP400 Datasheet HTML 13Page - Texas Instruments TMP400 Datasheet HTML 14Page - Texas Instruments TMP400 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
RESOLUTION REGISTER
CONVERSION RATE REGISTER
N-FACTOR CORRECTION REGISTER
V
V
=
-
BE2
BE1
nkT
q
ln
l
2
l
1
(1)
ONE-SHOT (OS)
n
=
eff
1.008
300
´
(300
N
)
-
ADJUST
(2)
N
=300 -
ADJUST
300
1.008
´
neff
(3)
TMP400
SBOS404 – DECEMBER 2007
conversion. This mode is useful to reduce power
consumption
in
the
TMP400
when
continuous
The RES1 and RES0 bits (resolution bits 1 and 0,
temperature monitoring is not required. When the
respectively) of the Resolution Register set the
configuration register is read, the OS bit always reads
resolution of the local temperature measurement
'0'
channel. Remote temperature measurement channel
resolution is not affected. Changing the local channel
resolution also affects the conversion time and rate of
the TMP400. The Resolution Register is set by
The Conversion Rate Register controls the rate at
writing to pointer address 1Ah and is read by reading
which temperature conversions are performed. This
from pointer address 1Ah. Table 5 shows the
register adjusts the idle time between conversions but
resolution bits for the Resolution Register.
not the conversion timing itself, thereby allowing the
TMP400 power dissipation to be balanced with the
Table 5. Resolution Register: Local Channel
temperature register update rate. Table 6 shows the
Programmable Resolution
conversion rate options and corresponding current
consumption. By default, the TMP400 converts every
RESOLUTION REGISTER
four seconds.
(Read = 1Ah, Write = 1Ah, POR = 18h)
CONVERSION
RES1
RES0
RESOLUTION
TIME (Typical)
0
0
9 Bits (0.5
°C)
12.5ms
The TMP400 allows for a different n-factor value to
0
1
10 Bits (0.25
°C)
25ms
be
used
for
converting
remote
channel
measurements to temperature. The remote channel
1
0
11 Bits (0.125
°C)
50ms
uses
sequential
current
excitation
to
extract
a
1
1
12 Bits (0.0625
°C)
100ms
differential VBE voltage measurement to determine
the temperature of the remote transistor. Equation 1
Bits 3 and 4 of the Resolution Register must always
relates this voltage and temperature.
be set to ‘1’. Bits 5 through 7 of the Resolution
Register must always be set to ‘0’. The power-on
reset value of this register is 18h. Resistance
correction (RC) is not automatically enabled on
power-on; see the Series Resistance Cancellation
The value n in Equation 1 is a characteristic of the
section for information on RC.
particular transistor used for the remote channel. The
default value for the TMP400 is n = 1.008. The value
in the N-Factor Correction Register may be used to
The TMP400 features a One-Shot Temperature
adjust the effective n-factor according to Equation 2
Measurement Mode. When the device is in Shutdown
and Equation 3.
Mode, writing a ‘1’ to the OS bit starts a single
temperature conversion. The device returns to the
shutdown state at the completion of the single
Table 6. Conversion Rate Register
CONVERSION RATE REGISTER (Read = 04h, Write = 0Ah, POR = 02h)
AVERAGE IQ (TYP)
(
µA)
R7
R6
R5
R4
R3
R2
R1
R0
CONVERSION/SEC
VS = 2.7V VS = 5.5V
0
0
0
0
0
0
0
0
0.0625
11
32
0
0
0
0
0
0
0
1
0.125
17
38
0
0
0
0
0
0
1
0
0.25
28
49
0
0
0
0
0
0
1
1
0.5
47
69
0
0
0
0
0
1
0
0
1
80
103
0
0
0
0
0
1
0
1
2
128
155
0
0
0
0
0
1
1
0
4
190
220
07h to 0Fh
8
373
413
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TMP400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com