Electronic Components Datasheet Search
  English  ▼

X  

TMP400 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP400
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP400 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP400 Datasheet HTML 16Page - Texas Instruments TMP400 Datasheet HTML 17Page - Texas Instruments TMP400 Datasheet HTML 18Page - Texas Instruments TMP400 Datasheet HTML 19Page - Texas Instruments TMP400 Datasheet HTML 20Page - Texas Instruments TMP400 Datasheet HTML 21Page - Texas Instruments TMP400 Datasheet HTML 22Page - Texas Instruments TMP400 Datasheet HTML 23Page - Texas Instruments TMP400 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
www.ti.com
LAYOUT CONSIDERATIONS
GND
(1)
D+
(1)
D-
(1)
GND
(1)
GroundorV+layer
onbottomand/or
top,ifpossible.
1
2
3
4
16
15
14
13
TMP400
0.1 FCapacitor
m
PCBVia
PCBVia
V+
GND
5
6
7
12
11
10
8
9
TMP400
SBOS404 – DECEMBER 2007
Remote
temperature
sensing
on
the
TMP400
measures
very
small
voltages
using
very
low
currents; therefore, noise at the IC inputs must be
minimized. Most applications using the TMP400 will
have high digital content, with several clocks and
logic level transitions creating a noisy environment.
Layout should adhere to the following guidelines:
1. Place the TMP400 as close to the remote
junction sensor as possible.
2. Route the D+ and D– traces next to each other
and shield them from adjacent signals through
the use of ground guard traces, as shown in
Figure 19. If a multilayer PCB is used, bury these
traces between ground or VDD planes to shield
them
from
extrinsic
noise
sources.
5
mil
(0.127mm) PCB traces are recommended.
(1) 5mil traces with 5mil spacing.
3. Minimize
additional
thermocouple
junctions
caused by copper-to-solder connections. If these
Figure 19. Example Signal Traces
junctions are used, make the same number and
approximate
locations
of
copper-to-solder
connections in both the D+ and D– connections
to cancel any thermocouple effects.
4. Use a 0.1
µF local bypass capacitor directly
between the V+ and GND of the TMP400, as
shown in Figure 20. Minimize filter capacitance
between D+ and D– to 1000pF or less for
optimum
measurement
performance.
This
capacitance
includes
any
cable
capacitance
between the remote temperature sensor and
TMP400.
5. If
the
connection
between
the
remote
temperature sensor and the TMP400 is less than
8 inches (203.2mm), use a twisted-wire pair
connection. Beyond 8 inches, use a twisted,
shielded pair with the shield grounded as close to
the TMP400 as possible. Leave the remote
sensor connection end of the shield wire open to
Figure 20. Suggested Bypass Capacitor
avoid ground loops and 60Hz pickup.
Placement
20
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TMP400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com