Electronic Components Datasheet Search
  English  ▼

X  

TMP400 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP400
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP400 Datasheet(HTML) 1 Page - Texas Instruments

  TMP400 Datasheet HTML 1Page - Texas Instruments TMP400 Datasheet HTML 2Page - Texas Instruments TMP400 Datasheet HTML 3Page - Texas Instruments TMP400 Datasheet HTML 4Page - Texas Instruments TMP400 Datasheet HTML 5Page - Texas Instruments TMP400 Datasheet HTML 6Page - Texas Instruments TMP400 Datasheet HTML 7Page - Texas Instruments TMP400 Datasheet HTML 8Page - Texas Instruments TMP400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TMP400
BurrBrown Products
from Texas Instruments
1
FEATURES
DESCRIPTION
APPLICATIONS
DeviceIDRegister
ManufacturerIDRegister
ConsecutiveAlert
ConfigurationRegister
T
R
T
L
StatusRegister
ConversionRate
Register
N-Factor
Correction
D+
2
7,8
12
14
3
4
BusInterface
PointerRegister
ResolutionRegister
ConfigurationRegister
LocalTempLowLimit
LocalTempHighLimit
RemoteTempLowLimit
RemoteTempHighLimit
Remote
Temperature
Register
Local
Temperature
Register
Temperature
Comparators
Interrupt
Configuration
SCL
GND
11
ALERT
V+
V+
SDA
D-
TMP400
RemoteTemperatureMin/MaxRegister
LocalTemperatureMin/MaxRegister
STBY
A
1
A
0
15
6
10
TMP400
SBOS404 – DECEMBER 2007
±1
°C Remote and Local TEMPERATURE SENSOR
with N-Factor and Series Resistance Correction
234
• ±1°C REMOTE DIODE SENSOR
The TMP400 is a remote temperature sensor monitor
with a built-in local temperature sensor. The remote
• ±1°C LOCAL TEMPERATURE SENSOR
temperature sensor diode-connected transistors are
• PROGRAMMABLE NON-IDEALITY FACTOR
typically low-cost, NPN- or PNP-type transistors or
• PROGRAMMABLE SERIES RESISTANCE
diodes that are an integral part of microcontrollers,
CANCELLATION
microprocessors, or FPGAs.
• ALERT FUNCTION
Remote
accuracy
is
±1
°C
for
multiple
IC
• PROGRAMMABLE RESOLUTION: 9 to 12 Bits
manufacturers, with no calibration needed. The
Two-Wire serial interface accepts SMBus write byte,
• PROGRAMMABLE THRESHOLD LIMITS
read byte, send byte, and receive byte commands to
• TWO-WIRE/SMBus™ SERIAL INTERFACE
program
the
alarm
thresholds
and
to
read
• MINIMUM AND MAXIMUM TEMPERATURE
temperature data.
MONITORS
The TMP400 is customizable with programmable:
• MULTIPLE INTERFACE ADDRESSES
series resistance cancellation, non-ideality factor,
• ALERT PIN CONFIGURATION
resolution, and threshold limits. Other features are:
minimum and maximum temperature monitors, wide
• DIODE FAULT DETECTION
remote temperature measurement range (up to
+127.9375
°C), diode fault detection, and temperature
alert function.
• LCD/DLP®/LCOS PROJECTORS
The TMP400 is available in a QSSOP-16 package.
• SERVERS
• INDUSTRIAL CONTROLLERS
• CENTRAL OFFICE TELECOM EQUIPMENT
• DESKTOP AND NOTEBOOK COMPUTERS
• STORAGE AREA NETWORKS (SAN)
• INDUSTRIAL AND MEDICAL EQUIPMENT
• PROCESSOR/FPGA TEMPERATURE
MONITORING
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
3
SMBus is a trademark of Intel Corp.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP400

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
400 Watts Medical & ITE Power Adapters
logo
Texas Instruments
TMP400 TI2-TMP400 Datasheet
771Kb / 27P
±1°C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
DECEMBER 2007
logo
Tumbler Technologies + ...
TMP400-18 TRUMPOWER-TMP400-18 Datasheet
84Kb / 2P
400 Watts Medical & ITE Power Adapters
TMP400-24 TRUMPOWER-TMP400-24 Datasheet
84Kb / 2P
400 Watts Medical & ITE Power Adapters
TMP400-28 TRUMPOWER-TMP400-28 Datasheet
84Kb / 2P
400 Watts Medical & ITE Power Adapters
More results

Similar Description - TMP400

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com