Electronic Components Datasheet Search
  English  ▼

X  

TMP400 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMP400
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP400 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP400 Datasheet HTML 12Page - Texas Instruments TMP400 Datasheet HTML 13Page - Texas Instruments TMP400 Datasheet HTML 14Page - Texas Instruments TMP400 Datasheet HTML 15Page - Texas Instruments TMP400 Datasheet HTML 16Page - Texas Instruments TMP400 Datasheet HTML 17Page - Texas Instruments TMP400 Datasheet HTML 18Page - Texas Instruments TMP400 Datasheet HTML 19Page - Texas Instruments TMP400 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
www.ti.com
Frame2PointerRegisterByte
1
StartBy
Master
ACKBy
TMP400
ACKBy
TMP400
Frame4DataByte1ReadRegister
StartBy
Master
ACKBy
TMP400
ACKBy
Master
From
TMP400
1
9
1
9
1
9
1
9
SDA
SCL
0
0
1
R/W
P7
P6
P5
P4
P3
P2
P1
P0
¼
¼
¼
¼
SDA
(Continued)
SCL
(Continued)
SDA
(Continued)
SCL
(Continued)
1
0
0
1
1
0
0
1
0
0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Frame5DataByte2ReadRegister
StopBy
Master
ACKBy
Master
From
TMP400
1
9
D7
D6
D5
D4
D3
D2
D1
D0
Frame1Two-WireSlaveAddressByte
(1)
Frame3Two-WireSlaveAddressByte
(1)
Frame1SMBusALERTResponseAddressByte
StartBy
Master
ACKBy
TMP400
From
TMP400
NACKBy
Master
StopBy
Master
1
9
1
9
SDA
SCL
ALERT
0
0
0
1
1
0
0
R/W
1
0
0
1
1
0
0
Status
Frame2Two-WireSlaveAddressByte
(1)
TMP400
SBOS404 – DECEMBER 2007
(1) See Table 9 for all available addresses. A0 = 1 and A1 = 0 in this example.
Figure 16. Two-Wire Timing Diagram for Two-Byte Read Format
(1) See Table 9 for all available addresses. A0 = 1 and A1 = 0 in this example.
Figure 17. Timing Diagram for SMBus ALERT
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TMP400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com