Electronic Components Datasheet Search
  English  ▼

X  

ADS820 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS820
Description  10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS820 Datasheet(HTML) 2 Page - Texas Instruments

  ADS820 Datasheet HTML 1Page - Texas Instruments ADS820 Datasheet HTML 2Page - Texas Instruments ADS820 Datasheet HTML 3Page - Texas Instruments ADS820 Datasheet HTML 4Page - Texas Instruments ADS820 Datasheet HTML 5Page - Texas Instruments ADS820 Datasheet HTML 6Page - Texas Instruments ADS820 Datasheet HTML 7Page - Texas Instruments ADS820 Datasheet HTML 8Page - Texas Instruments ADS820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
ADS820
2
SBAS037B
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS820
SO-8
DW
–40
°C to +85°C
ADS820U
ADS820U
Rails, 28
""
"
"
"
ADS820U/1K
Tape and Reel, 1000
ADS820U
PARAMETER
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, Sampling Rate = 20MHz, with a 50% duty cycle clock having a 2ns rise/fall time, unless otherwise noted.
Resolution
10
Bits
Specified Temperature Range
TAMBIENT
–40
+85
°C
ANALOG INPUT
Differential Full-Scale Input Range
+1.25
+3.25
V
Common-Mode Voltage
2.25
V
Analog Input Bandwidth (–3dB)
Small Signal
–20dBFS(1) Input
+25
°C
400
MHz
Full Power
0dB Input
+25
°C
65
MHz
Input Impedance
1.25 || 4
M
Ω || pF
DIGITAL INPUT
Logic Family
TTL/HCT Compatible CMOS
Convert Command
Start Conversion
Falling Edge
ACCURACY(2)
fS = 2.5MHz
Gain Error
+25
°C
±0.6
±1.5
%
Full
±1.0
±2.5
%
Gain Tempco
±85
ppm/
°C
Power-Supply Rejection of Gain
∆ +V
S = ±5%
+25
°C
0.01
0.1
%FSR/%
Input Offset Error
Full
±2.1
±3.0
%
Power-Supply Rejection of Offset
∆ +V
S = ±5%
+25
°C
0.02
0.1
%FSR/%
CONVERSION CHARACTERISTICS
Sample Rate
10k
20M
Sample/s
Data Latency
6.5
Convert Cycle
DYNAMIC CHARACTERISTICS
Differential Linearity Error
f = 500kHz
+25
°C
±0.15
±1.0
LSB
Full
±0.15
±1.0
LSB
f = 10MHz
+25
°C
±0.2
±1.0
LSB
Full
±0.2
±1.0
LSB
No Missing Codes
Full
Tested
Integral Linearity Error at f = 500kHz
Full
±0.5
±2.0
LSB
Spurious-Free Dynamic Range (SFDR)
f = 500kHz (–1dBFS input)
+25
°C
67
77
dBFS
Full
64
74
dBFS
f = 10MHz (–1dBFS input)
+25
°C
59
63
dBFS
Full
57
62
dBFS
ABSOLUTE MAXIMUM RATINGS(1)
+VS ....................................................................................................... +6V
Analog Input ............................................................ 0V to (+VS + 300mV)
Logic Input ............................................................... 0V to (+VS + 300mV)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature .................................................................... +125
°C
External Top Reference Voltage (REFT) ................................. +3.4V Max
External Bottom Reference Voltage (REFB) ............................ +1.1V Min
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION(1)
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at
www.ti.com.
NOTE: (1) dBFS refers to dB below Full Scale. (2) Percentage accuracies are referred to the internal A/D Converter Full-Scale Range of 4Vp-p. (3) IMD is
referred to the larger of the two input signals. If referred to the peak envelope signal (
≈ 0dB), the intermodulation products will be 7dB lower. (4) Based on
(SINAD – 1.76)/6.02. (5) No “rollover” of bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com