Electronic Components Datasheet Search
  English  ▼

X  

ADS820 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS820
Description  10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS820 Datasheet(HTML) 4 Page - Texas Instruments

  ADS820 Datasheet HTML 1Page - Texas Instruments ADS820 Datasheet HTML 2Page - Texas Instruments ADS820 Datasheet HTML 3Page - Texas Instruments ADS820 Datasheet HTML 4Page - Texas Instruments ADS820 Datasheet HTML 5Page - Texas Instruments ADS820 Datasheet HTML 6Page - Texas Instruments ADS820 Datasheet HTML 7Page - Texas Instruments ADS820 Datasheet HTML 8Page - Texas Instruments ADS820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
ADS820
4
SBAS037B
PIN
DESIGNATOR
DESCRIPTION
1
GND
Ground
2
B1
Bit 1, Most Significant Bit (MSB)
3
B2
Bit 2
4
B3
Bit 3
5
B4
Bit 4
6
B5
Bit 5
7
B6
Bit 6
8
B7
Bit 7
9
B8
Bit 8
10
B9
Bit 9
11
B10
Bit 10, Least Significant Bit (LSB)
12
DNC
Do not connect.
13
DNC
Do not connect.
14
GND
Ground
15
+VS
+5V Power Supply
16
CLK
Convert Clock Input, 50% Duty Cycle
17
+VS
+5V Power Supply
18
OE
HIGH: High Impedance State. LOW or Floating:
Normal Operation. Internal pull-down resistor.
19
MSBI
Most Significant Bit Inversion, HIGH: MSB in-
verted for complementary output. LOW or Float-
ing: Straight output. Internal pull-down resistor.
20
+VS
+5V Power Supply
21
REFB
Bottom Reference Bypass. For external bypass-
ing of internal +1.25V reference.
22
CM
Common-Mode Voltage. It is derived by (REFT +
REFB)/2.
23
REFT
Top Reference Bypass. For external bypassing
of internal +3.25V reference.
24
+VS
+5V Power Supply
25
GND
Ground
26
IN
Input
27
IN
Complementary Input
28
GND
Ground
PIN DESCRIPTIONS
PIN CONFIGURATION
Top View
SO
GND
Bit 1(MSB)
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10 (LSB)
DNC
DNC
GND
GND
IN
IN
GND
+V
S
REFT
CM
REFB
+V
S
MSBI
OE
+V
S
CLK
+V
S
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS820
DNC: Do Not Connect
TIMING DIAGRAM
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tCONV
Convert Clock Period
50
100
µsns
tL
Clock Pulse LOW
24
25
ns
tH
Clock Pulse HIGH
24
25
ns
tD
Aperture Delay
2
ns
t1
Data Hold Time, CL = 0pF
3.9
ns
t2
New Data Delay Time, CL = 15pF max
12.5
ns
Track
Hold
"N"
Hold
"N + 1"
Hold
"N + 2"
Hold
"N + 3"
Hold
"N + 4"
Hold
"N + 5"
Hold
"N + 6"
Track
Data Valid
N – 7
Data Valid
N – 6
Internal
Track-and-Hold
Convert
Clock
Output
Data
t
D
t
2
t
1
Data Latency
(6.5 Clock Cycles)
t
CONV
t
L
t
H
Track
Track
Track
Track
N – 3
N – 5N – 4N – 2N – 1
N
Track
Track
Data Valid
N – 8
(1)
Data Invalid
NOTE: (1) “
” indicates the portion of the waveform that will stretch out at slower sample rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com