Electronic Components Datasheet Search
  English  ▼

X  

ADS820 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS820
Description  10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS820 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS820 Datasheet HTML 5Page - Texas Instruments ADS820 Datasheet HTML 6Page - Texas Instruments ADS820 Datasheet HTML 7Page - Texas Instruments ADS820 Datasheet HTML 8Page - Texas Instruments ADS820 Datasheet HTML 9Page - Texas Instruments ADS820 Datasheet HTML 10Page - Texas Instruments ADS820 Datasheet HTML 11Page - Texas Instruments ADS820 Datasheet HTML 12Page - Texas Instruments ADS820 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
ADS820
9
SBAS037B
THEORY OF OPERATION
The ADS820 is a high-speed, sampling A/D converter with
pipelining. It uses a fully differential architecture and digital
error correction to ensure 10-bit resolution. The differential
track-and-hold circuit is shown in Figure 1. The switches are
controlled by an internal clock that has a non-overlapping,
two-phase signal,
φ1 and φ2. At the sampling time the input
signal is sampled on the bottom plates of the input capaci-
tors. In the next clock phase,
φ2, the bottom plates of the
input capacitors are connected together and the feedback
capacitors are switched to the op amp output. At this time,
the charge redistributes between CI and CH, completing one
track-and-hold cycle. The differential output is a held DC
representation of the analog input at the sample time. The
track-and-hold circuit can also convert a single-ended input
signal into a fully differential signal for the quantizer.
The pipelined quantizer architecture has nine stages with
each stage containing a 2-bit quantizer and a 2-bit Digital-to-
Analog Converter (DAC), as shown in Figure 2. Each 2-bit
quantizer stage converts on the edge of the sub-clock, which
is twice the frequency of the externally applied clock. The
output of each quantizer is fed into its own delay line to
FIGURE 1. Input Track-and-Hold Configuration with Timing
Signals.
FIGURE 2. Pipeline A/D Converter Architecture.
φ1
φ1
φ2
φ1
φ1
φ1
φ1
φ1
φ2
φ1
φ2
φ1
φ2
IN
IN
OUT
OUT
Op Amp
Bias
V
CM
Op Amp
Bias
V
CM
C
H
C
I
C
I
C
H
Input Clock (50%)
Internal Non-overlapping Clock
Σ
+
–
B1 (MSB)
B2
B3
B4
B5
B6
B7
B8
B9
B10 (LSB)
2-Bit
DAC
2-Bit
Flash
Input
T&H
Digital Delay
x2
x2
2-Bit
DAC
2-Bit
Flash
Digital Delay
2-Bit
Flash
Digital Delay
2-Bit
DAC
2-Bit
Flash
Digital Delay
x2
IN
IN
STAGE 1
STAGE 2
STAGE 8
STAGE 9
Σ
+
–
Σ
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com