Electronic Components Datasheet Search
  English  ▼

X  

ADS820 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS820
Description  10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS820 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS820 Datasheet HTML 8Page - Texas Instruments ADS820 Datasheet HTML 9Page - Texas Instruments ADS820 Datasheet HTML 10Page - Texas Instruments ADS820 Datasheet HTML 11Page - Texas Instruments ADS820 Datasheet HTML 12Page - Texas Instruments ADS820 Datasheet HTML 13Page - Texas Instruments ADS820 Datasheet HTML 14Page - Texas Instruments ADS820 Datasheet HTML 15Page - Texas Instruments ADS820 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.ti.com
ADS820
12
SBAS037B
FIGURE 6. A Low Distortion DC-Coupled, Single-Ended to Differential Input Driver Circuit.
FIGURE 7. A Wideband DC-Coupled, Single-Ended to Differential Input Driver Circuit.
604
Ω
301
Ω
301
Ω
301
Ω
604
Ω
49.9
Ω
301
Ω
604
Ω
2.49k
Ω
2.49k
Ω +2.25V
OPA842
OPA130
301
Ω
0.1
µF
OPA842
OPA842
+5V
–5V
+5V(2)
+5V
–5V
+5V
+5V
+5V
–5V
BAS16(1)
BAS16(1)
301
Ω
24.9
Ω
Input Level
Shift Buffer
Optional
High Impedance
Input Amplifier
DC-Coupled
Input Signal
26 IN
22 CM
27 IN
ADS820
NOTES: (1) A Philips BAS16 diode or equivalent may be used.
(2) Supply bypassing not shown. (3) OPA620 or OPA650 may be
substituted. See “Driving the ADS820” section.
22pF
22pF
604
Ω
0.1
µF
0.1
µF
(3)
(3)
(3)
50
Ω
1k
Ω
OTA
OPA860
OPA860
+1
+1
OPA130
1nF
OTA
+5V
–5V
–5V
+5V
DC-Coupled
Input Signal
27 IN
22 CM
26 IN
ADS820
NOTE: Power supplies and bypassing not shown. The measured SNR performance with 12.5MHz input signal is 57dB with this driver circuit.
1k
Ω
500
Ω
500
Ω
1k
Ω
200
Ω
243
Ω
200
Ω
3B
2
3
2
85
C
6
6
1
85
C
E
E
3
2
7
4
B
200
Ω
C
1
15pF
22pF
22pF
0.1
µF
2k
Ω
V
OUT
–5V
243
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com