Electronic Components Datasheet Search
  English  ▼

X  

ADS820 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS820
Description  10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS820 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS820 Datasheet HTML 3Page - Texas Instruments ADS820 Datasheet HTML 4Page - Texas Instruments ADS820 Datasheet HTML 5Page - Texas Instruments ADS820 Datasheet HTML 6Page - Texas Instruments ADS820 Datasheet HTML 7Page - Texas Instruments ADS820 Datasheet HTML 8Page - Texas Instruments ADS820 Datasheet HTML 9Page - Texas Instruments ADS820 Datasheet HTML 10Page - Texas Instruments ADS820 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
ADS820
7
SBAS037B
DIFFERENTIAL LINEARITY ERROR vs TEMPERATURE
Temperature (
°C)
0.3
0.2
0.1
0
–50
–25
0
25
50
75
100
f
IN = 500kHz
f
IN = 10MHz
SPURIOUS-FREE DYNAMIC RANGE
vs TEMPERATURE
Temperature (
°C)
90
80
70
60
50
–50
–25
0
25
50
75
100
f
IN = 500kHz
f
IN = 10MHz
SIGNAL-TO-NOISE RATIO vs TEMPERATURE
Temperature (
°C)
70
65
60
55
50
–50
–25
0
25
50
75
100
f
IN = 500kHz
f
IN = 10MHz
SIGNAL-TO-(NOISE + DISTORTION)
vs TEMPERATURE
Temperature (
°C)
62
60
58
56
54
–50
–25
0
25
50
75
100
f
IN = 500kHz
f
IN = 10MHz
SUPPLY CURRENT vs TEMPERATURE
Temperature (
°C)
42
40
38
36
–50
–25
0
25
50
75
100
POWER DISSIPATION vs TEMPERATURE
Temperature (
°C)
210
200
190
180
170
–50
–25
0
25
50
75
100
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, Sampling Rate = 20MHz, with a 50% duty cycle clock having a 2ns rise/fall time, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com