Electronic Components Datasheet Search
  English  ▼

X  

ADS820 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS820
Description  10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS820 Datasheet(HTML) 3 Page - Texas Instruments

  ADS820 Datasheet HTML 1Page - Texas Instruments ADS820 Datasheet HTML 2Page - Texas Instruments ADS820 Datasheet HTML 3Page - Texas Instruments ADS820 Datasheet HTML 4Page - Texas Instruments ADS820 Datasheet HTML 5Page - Texas Instruments ADS820 Datasheet HTML 6Page - Texas Instruments ADS820 Datasheet HTML 7Page - Texas Instruments ADS820 Datasheet HTML 8Page - Texas Instruments ADS820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
ADS820
3
SBAS037B
ADS820U, E
PARAMETER
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, Sampling Rate = 20MHz, with a 50% duty cycle clock having a 2ns rise/fall time, unless otherwise noted.
NOTE: (1) dBFS refers to dB below Full Scale. (2) Percentage accuracies are referred to the internal A/D Converter Full-Scale Range of 4Vp-p. (3) IMD is
referred to the larger of the two input signals. If referred to the peak envelope signal (
≈ 0dB), the intermodulation products will be 7dB lower. (4) Based on
(SINAD – 1.76)/6.02. (5) No “rollover” of bits.
Signal-to-Noise Ratio (SNR)
f = 500kHz (–1dBFS input)
+25
°C
58
60.5
dB
Full
56
60
dB
f = 10MHz (–1dBFS input)
+25
°C58
60
dB
Full
56
60
dB
Signal-to-(Noise + Distortion) (SINAD)
f = 500kHz (–1dBFS input)
+25
°C
58
60.5
dB
Full
55
60
dB
f = 10MHz (–1dBFS input)
+25
°C56
58
dB
Full
54
57
dB
Differential Gain Error
NTSC or PAL
+25
°C
0.5
%
Differential Phase Error
NTSC or PAL
+25
°C
0.1
degrees
Effective Bits(4)
fIN = 3.58MHz
9.5
Bits
Aperture Delay Time
+25
°C2
ns
Aperture Jitter
+25
°C
7
ps rms
Overvoltage Recovery Time(5)
1.5x Full-Scale Input
+25
°C2
ns
OUTPUTS
Logic Family
TTL/HCT Compatible CMOS
Logic Coding
Logic Selectable
SOB or BTC
V
Logic Levels
Logic LOW, CL = 15pF
Full
0
0.4
V
Logic HIGH, CL = 15pF
Full
2.5
+VS
V
3-State Enable Time
20
40
ns
3-State Disable Time
Full
2
10
ns
POWER-SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
Full
+4.75
+5
+5.25
V
Supply Current: +IS
Operating
+25
°C39
47
mA
Operating
Full
40
55
mA
Power Consumption
Operating
+25
°C
195
235
mW
Operating
Full
200
275
mW
Thermal Resistance,
θ
JA
SO-28
75
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com