Electronic Components Datasheet Search
  English  ▼

X  

ADS820 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS820
Description  10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS820 Datasheet(HTML) 1 Page - Texas Instruments

  ADS820 Datasheet HTML 1Page - Texas Instruments ADS820 Datasheet HTML 2Page - Texas Instruments ADS820 Datasheet HTML 3Page - Texas Instruments ADS820 Datasheet HTML 4Page - Texas Instruments ADS820 Datasheet HTML 5Page - Texas Instruments ADS820 Datasheet HTML 6Page - Texas Instruments ADS820 Datasheet HTML 7Page - Texas Instruments ADS820 Datasheet HTML 8Page - Texas Instruments ADS820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
10-Bit, 20MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q NO MISSING CODES
q INTERNAL REFERENCE
q LOW DIFFERENTIAL LINEARITY ERROR:
0.2LSB
q LOW POWER: 195mW
q HIGH SNR: 60dB
q WIDEBAND TRACK/HOLD: 65MHz
DESCRIPTION
The ADS820 is a low-power, monolithic 10-bit, 20MHz Ana-
log-to-Digital (A/D) converter utilizing a small geometry CMOS
process. This complete converter includes a 10-bit quantizer
with internal track-and-hold, reference, and a power down
feature. It operates from a single +5V power supply and can
be configured to accept either differential or single-ended
input signals.
The ADS820 employs digital error correction to provide excel-
lent Nyquist differential linearity performance for demanding
imaging applications. Its low distortion, high SNR, and high
oversampling capability give it the extra margin needed for
telecommunications and video applications.
This high performance converter is specified for AC and
DC-performance at a 20MHz sampling rate. The ADS820
is available in an SO-28 package.
APPLICATIONS
q SET-TOP BOXES
q CABLE MODEMS
q VIDEO DIGITIZING
q CCD IMAGING
Camcorders
Copiers
Scanners
Security Cameras
q IF AND BASEBAND DIGITIZATION
ADS820
SBAS037B – DECEMBER 1995 – REVISED FEBRUARY 2005
www.ti.com
Copyright © 1995-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Pipeline
A/D
Timing
Circuitry
Error
Correction
Logic
3-State
Outputs
T&H
10-Bit
Digital
Data
CLK
+1.25V
+3.25V
MSBI
OE
IN
IN
REFT
CM
REFB
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
ADS8
20U
All trademarks are the property of their respective owners.


Similar Part No. - ADS820

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820 Datasheet
409Kb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS8201 TI-ADS8201 Datasheet
522Kb / 33P
2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201 TI-ADS8201 Datasheet
678Kb / 35P
2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
More results

Similar Description - ADS820

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS901 TI1-ADS901_14 Datasheet
254Kb / 14P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com