Electronic Components Datasheet Search
  English  ▼

X  

ADS820 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS820
Description  10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS820 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS820 Datasheet HTML 9Page - Texas Instruments ADS820 Datasheet HTML 10Page - Texas Instruments ADS820 Datasheet HTML 11Page - Texas Instruments ADS820 Datasheet HTML 12Page - Texas Instruments ADS820 Datasheet HTML 13Page - Texas Instruments ADS820 Datasheet HTML 14Page - Texas Instruments ADS820 Datasheet HTML 15Page - Texas Instruments ADS820 Datasheet HTML 16Page - Texas Instruments ADS820 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.ti.com
ADS820
13
SBAS037B
FIGURE 8. Single-Ended Input Connection.
set halfway between the two references. This feature can be
used to adjust the gain error, improve gain drift, or to change
the full-scale input range of the ADS820. Changing the full-
scale range to a lower value has the benefit of easing the
swing requirements of external input amplifiers. The external
references can vary as long as the value of the external top
reference (REFTEXT) is less than or equal to +3.4V, the value
of the external bottom reference (REFBEXT) is greater than or
equal to +1.1V, and the difference between the external
references are greater than or equal to 800mV.
For the differential configuration, the full-scale input range
will be set to the external reference values that are
selected. For the single-ended mode, the input range is
2 • (REFTEXT – REFBEXT), with the common-mode being
centered at (REFTEXT + REFBEXT)/2. Refer to the typical
performance curves for expected performance versus full-
scale input range.
The circuit in Figure 9 works completely on a single +5V
supply. As a reference element, it uses micro-power refer-
ence REF1004-2.5, which is set to a quiescent current of
0.1mA. Amplifier A2 is configured as a follower to buffer the
+1.25V generated from the resistor divider. To provide the
necessary current drive, a pull-down resistor, RP, is added.
Amplifier A1 is configured as an adjustable gain stage, with
a range of approximately 1 to 1.32. The pull-up resistor again
relieves the op amp from providing the full current drive. The
value of the pull-up and pull-down resistors is not critical and
can be varied to optimize power consumption. The need for
pull-up/down resistors depends only on the drive capability of
the selected drive amplifiers and thus can be omitted.
The ADS820 can also be configured with a single-ended input
full-scale range of +0.25V to +4.25V by tying the complemen-
tary input to the common-mode reference voltage, as shown
in Figure 8. This configuration will result in increased even-
order harmonics, especially at higher input frequencies. How-
ever, this trade-off may be quite acceptable for time-domain
applications. The driving amplifier must give adequate perfor-
mance with a +0.25V to +4.25V output swing in this case.
EXTERNAL REFERENCES AND
ADJUSTMENT OF FULL-SCALE RANGE
The internal reference buffers are limited to approximately
1mA of output current. As a result, these internal +1.25V and
+3.25V references may be overridden by external references
that have at least 18mA (at room temperature) of output drive
capability. In this instance, the common-mode voltage will be
22
26
27
CM
IN
IN
ADS820
0.1
µF
Single-Ended
Input Signal
Full Scale = +0.25V to +4.25V with internal references.
22pF
FIGURE 9. Optional External Reference to Set the Full-Scale Range Utilizing a Dual, Single-Supply Op Amp.
2k
Ω
+2.5V to +3.25V
+5V
+5V
R
P
220
Ω
R
P
220
Ω
10k
Ω
6.2k
Ω
0.1
µF
+2.5V
10k
Ω
1/2
OPA2234
1/2
OPA2234
A
1
A
2
Bottom
Reference
Top
Reference
REF1004
+1.25V
10k
Ω
10k
Ω(1)
10k
Ω(1)
NOTE: (1) Use parts alternatively for adjustment capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com