Electronic Components Datasheet Search
  English  ▼

X  

ADS820 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS820
Description  10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS820 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS820 Datasheet HTML 6Page - Texas Instruments ADS820 Datasheet HTML 7Page - Texas Instruments ADS820 Datasheet HTML 8Page - Texas Instruments ADS820 Datasheet HTML 9Page - Texas Instruments ADS820 Datasheet HTML 10Page - Texas Instruments ADS820 Datasheet HTML 11Page - Texas Instruments ADS820 Datasheet HTML 12Page - Texas Instruments ADS820 Datasheet HTML 13Page - Texas Instruments ADS820 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
ADS820
10
SBAS037B
time-align it with the data created from the following quan-
tizer stages. This aligned data is fed into a digital error
correction circuit that can adjust the output data based on the
information found on the redundant bits. This technique gives
the ADS820 excellent differential linearity and ensures no
missing codes at the 10-bit level.
There is a 6.5 clock cycle data latency from the start convert
signal to the valid output data. The output data is available in
Straight Offset Binary (SOB) or Binary Two’s Complement
(BTC) format.
THE ANALOG INPUT AND INTERNAL REFERENCE
The analog input of the ADS820 can be configured in various
ways and driven with different circuits, depending on the
nature of the signal and the level of performance desired. The
ADS820 has an internal reference that sets the full-scale
input range of the A/D converter. The differential input range
has each input centered around the common-mode of +2.25V,
with each of the two inputs having a full-scale range of +1.25V
to +3.25V. Since each input is 2Vp-p and 180
° out-of-phase
with the other, a 4V differential input signal to the quantizer
results. The positive full-scale reference (REFT) and the
negative full-scale reference (REFB) are brought out for
external bypassing, as shown in Figure 3. In addition, the
common-mode (CM) voltage may be used as a reference to
provide the appropriate offset for the driving circuitry. How-
ever, care must be taken not to appreciably load this refer-
ence node. For more information regarding external refer-
ences, single-ended inputs, and ADS820 drive circuits, refer
to the applications section.
DIGITAL OUTPUT DATA
The 10-bit output data is provided at CMOS logic levels. The
standard output coding is Straight Offset Binary where a full-
scale input signal corresponds to all “1’s” at the output. This
condition is met with pin 19 LOW or Floating due to an
internal pull-down resistor. By applying a high voltage to this
pin, a BTC output will be provided where the most significant
bit is inverted. The digital outputs of the ADS820 can be set
to a high impedance state by driving OE (pin 18) with a logic
HIGH. Normal operation is achieved with pin 18 LOW or
Floating due to internal pull-down resistors. This function is
provided for testability purposes and is not meant to drive
digital buses directly or be dynamically changed during the
conversion process.
FIGURE 3. Internal Reference Structure.
CLOCK REQUIREMENTS
The CLK pin accepts a CMOS level clock input. The rising
and falling edge of the externally applied convert command
clock controls the various interstage conversions in the
pipeline. Therefore, the duty cycle of the clock should be held
at 50% with low jitter and fast rise and fall times of 2ns or
less. This is especially important when digitizing a high-
frequency input and operating at the maximum sample rate.
Deviation from a 50% duty cycle will effectively shorten some
of the interstage settling times, thus degrading the SNR and
DNL performance.
OUTPUT CODE
SOB
BTC
PIN 19
PIN 19
DIFFERENTIAL INPUT(1)
FLOATING or LOW
HIGH
+FS (IN = +3.25V, IN = +1.25V)
1111111111
0111111111
+FS –1LSB
1111111111
0111111111
+FS –2LSB
1111111110
0111111110
+3/4 Full Scale
1110000000
0110000000
+1/2 Full Scale
1100000000
0100000000
+1/4 Full Scale
1010000000
0010000000
+1LSB
1000000001
0000000001
Bipolar Zero (IN = IN = +2.25V)
1000000000
0000000000
–1LSB
0111111111
1111111111
–1/4 Full Scale
0110000000
1110000000
–1/2 Full Scale
0100000000
1100000000
–3/4 Full Scale
0010000000
1010000000
–FS +1LSB
0000000001
1000000001
–FS (IN = +1.25V, IN = +3.25V)
0000000000
1000000000
NOTE: (1) In the single-ended input mode, +FS = +4.25V and –FS = +0.25V.
TABLE I. Coding Table for the ADS820.
APPLICATIONS
DRIVING THE ADS820
The ADS820 has a differential input with a common mode of
+2.25V. For AC-coupled applications, the simplest way to
create this differential input is to drive the primary winding of
a transformer with a single-ended input. A differential output
is created on the secondary if the center tap is tied to the
(CM) voltage of +2.25V, as per Figure 4. This transformer-
coupled input arrangement provides good high frequency
FIGURE 4. AC-Coupled Single-Ended to Differential Drive
Circuit Using a Transformer.
+1.25V
+3.25V
2k
Ω
2k
Ω
0.1
µF
0.1
µF
+2.25V
REFT
REFB
CM
ADS820
To
Internal
Comparators
21
22
23
Mini-Circuits
T T1-6-KK81
or equivalent
22
26
27
CM
IN
IN
ADS820
AC Input
Signal
22pF
22pF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com