Electronic Components Datasheet Search
  English  ▼

X  

1060 Datasheet(PDF) 22 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 22 Page - Microchip Technology

Back Button 1060 Datasheet HTML 18Page - Microchip Technology 1060 Datasheet HTML 19Page - Microchip Technology 1060 Datasheet HTML 20Page - Microchip Technology 1060 Datasheet HTML 21Page - Microchip Technology 1060 Datasheet HTML 22Page - Microchip Technology 1060 Datasheet HTML 23Page - Microchip Technology 1060 Datasheet HTML 24Page - Microchip Technology 1060 Datasheet HTML 25Page - Microchip Technology 1060 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
22
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
5.17
Address 27: Detection Mask
I/O0 – 6 (Detection Mask): these bits control which I/Os that are configured as outputs will be controlled by their
corresponding capacitive key. A 1 means the output n generates an active output when key n is detecting a touch. A
0 means that the output is controlled by the output buffer. See Section 5.24 on page 24 for I/O register precedence
and example usage.
Default:
0x3F (all I/Os are controlled by key status)
5.18
Address 28: Active Level Mask
I/O0 – 6 (Active Level Mask): these bits control the active logic level for the I/Os that are configured as outputs. A 1
means the output generates an active high output, a 0 means that the output is active low. See Section 5.24 for I/O
register precedence and example usage.
Default: 0 (all I/Os are active low output)
5.19
Address 29: User Output Buffer
I/O0 – 6 (User Output Buffer): these bits control the output level for the I/Os that are configured as outputs. A 1
means the output generates an active output, a 0 means that the output is inactive. See Section 5.24 on page 24 for
I/O register precedence and example usage.
Default: 0 (all I/Os inactive)
Table 5-17. Detection Mask
Address
b7
b6
b5
b4
b3
b2
b1
b0
27
Reserved
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
Table 5-18. Active Level Mask
Address
b7
b6
b5
b4
b3
b2
b1
b0
28
Reserved
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
Table 5-19. User Output Buffer
Address
b7
b6
b5
b4
b3
b2
b1
b0
29
Reserved
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com