Electronic Components Datasheet Search
  English  ▼

X  

1060 Datasheet(PDF) 23 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 23 Page - Microchip Technology

Back Button 1060 Datasheet HTML 19Page - Microchip Technology 1060 Datasheet HTML 20Page - Microchip Technology 1060 Datasheet HTML 21Page - Microchip Technology 1060 Datasheet HTML 22Page - Microchip Technology 1060 Datasheet HTML 23Page - Microchip Technology 1060 Datasheet HTML 24Page - Microchip Technology 1060 Datasheet HTML 25Page - Microchip Technology 1060 Datasheet HTML 26Page - Microchip Technology 1060 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
23
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
5.20
Address 30: Detection Integrator
DETECTION INTEGRATOR: this 8-bit value controls the number of consecutive measurements that must be
confirmed as having passed the key threshold before that key is registered as being in detect. A value of zero should
not be used.
Default: 3
5.21
Address 31: PWM Level
PWM LEVEL: this 8-bit value controls the duty cycle of the PWM output signal. Valid values are between 0...255.
There is a constant level band at either end of the range, so:
A value of 0...10 gives a 100% low output
A value of 250...255 gives a 100% high output
Default: 128 (50:50 duty cycle)
5.22
Address 40 – 51: Key Signal
KEY SIGNAL: addresses 40 – 51 allow key signals to be read for each key, starting with key 0. There are two bytes
of data for each key. These are the key’s 16-bit key signals which are accessed as two 8-bit bytes, stored LSB first.
These addresses are read-only.
Table 5-20. Detection Integrator
Address
b7
b6
b5
b4
b3
b2
b1
b0
30
MSB
DETECTION INTEGRATOR
LSB
Table 5-21. PWM Level
Address
b7
b6
b5
b4
b3
b2
b1
b0
31
MSB
PWM LEVEL
LSB
Table 5-22. Key Signal
Address
b7
b6
b5
b4
b3
b2
b1
b0
40
LSB OF KEY SIGNAL FOR KEY 0
41
MSB OF KEY SIGNAL FOR KEY 0
42–51
LSB/MSB OF KEY SIGNAL FOR KEYS 1 – 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com