| Electronic Components Datasheet Search |
|
1060 Datasheet(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
1060 Datasheet(HTML) 25 Page - Microchip Technology |
|
25 / 35 page ![]() 25 AT42QT1060 [DATASHEET] 9505H–AT42–04/2015 6. Setting Up Procedures Set the number of keys required by leaving the SNS pins unconnected in unused keys. Determine whether a change in the corresponding bit in the detection status register generates a transition on the CHG line. [Address 24: Key Mask] Determine which keys are in the AKS group. [Address 25: AKS Mask] Determine the number of measurements that must be confirmed as having passed the key threshold before that key is registered as being in detect. [Address 30: Detection Integrator] To Set Up Keys Tune the sensitivity of the keys by adjusting the value of the sampling capacitor, Cs and the negative threshold (NTHR) [Address 16 – 21: NTHR] Determine the direction of the I/O lines. If any lines are unused, set them to be outputs and leave them unconnected. [Address 23: I/O Mask] Determine which I/Os that are configured as outputs will be controlled by their corresponding capacitive key. [Address 27: Detection Mask] To Set Up I/O Lines Determine which I/Os that are configured as outputs will output a PWM signal. [Address 26: PWM Mask] Determine the active logic level for the I/Os that are configured as outputs. [Address 28: Active Level Mask] Determine the output level for the I/Os that are configured as outputs. [Address 29: User Output Buffer] Determine the duty cycle of the PWM output signal. [Address 31: PWM Level] |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |