Electronic Components Datasheet Search
  English  ▼

X  

1060 Datasheet(PDF) 15 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 15 Page - Microchip Technology

Back Button 1060 Datasheet HTML 11Page - Microchip Technology 1060 Datasheet HTML 12Page - Microchip Technology 1060 Datasheet HTML 13Page - Microchip Technology 1060 Datasheet HTML 14Page - Microchip Technology 1060 Datasheet HTML 15Page - Microchip Technology 1060 Datasheet HTML 16Page - Microchip Technology 1060 Datasheet HTML 17Page - Microchip Technology 1060 Datasheet HTML 18Page - Microchip Technology 1060 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
15
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
6.
The host must then send a STOP and a START condition followed by the slave address again but this time
accompanied by the READ bit.
7.
The device returns an ACK, followed by a data byte.
8.
The host must return either an ACK or NACK.
1.
If the host returns an ACK, the device subsequently transmits the data byte from the next address. Each
time a data byte is transmitted, the device automatically increments the internal address. The device
continues to return data bytes until the host responds with a NACK.
2.
If the host returns a NACK, it should then terminate the transfer by issuing the STOP condition.
9.
The device resets the internal address to the location indicated by the memory address sent to it previously.
Therefore, there is no need to send the memory address again when reading from the same location.
4.4
SDA, SCL
The I2C bus transmits data and clock with SDA and SCL respectively. They are open-drain; that is I2C master and
slave devices can only drive these lines low or leave them open. The termination resistors (not shown) pull the line
up to Vdd if no I2C-compatible device is pulling it down.
The termination resistors commonly range from 1 k
 to 10 k and should be chosen so that the rise times on SDA
and SCL meet the I2C specifications (1 µs maximum).
Standalone mode: if I2C-compatible communications are not required, then standalone mode can be enabled by
connecting SDA to Vss and SCL to Vdd. See Section 2.3 on page 6 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com