Electronic Components Datasheet Search
  English  ▼

X  

1060 Datasheet(PDF) 33 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 33 Page - Microchip Technology

Back Button 1060 Datasheet HTML 27Page - Microchip Technology 1060 Datasheet HTML 28Page - Microchip Technology 1060 Datasheet HTML 29Page - Microchip Technology 1060 Datasheet HTML 30Page - Microchip Technology 1060 Datasheet HTML 31Page - Microchip Technology 1060 Datasheet HTML 32Page - Microchip Technology 1060 Datasheet HTML 33Page - Microchip Technology 1060 Datasheet HTML 34Page - Microchip Technology 1060 Datasheet HTML 35Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
33
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
A.5
Data Byte Format
All data bytes are 9 bits long, consisting of 8 data bits and an acknowledge bit. During a data transfer, the host
generates the clock and the START and STOP conditions, while the receiver is responsible for acknowledging the
reception. An acknowledge (ACK) is signaled by the receiver pulling the SDA line low during the ninth SCL cycle. If
the receiver leaves the SDA line high, a NACK is signaled.
Figure A-5.
Data Byte Format
A.6
Combining Address and Data Bytes into a Transmission
A transmission consists of a START condition, an SLA+R/W, one or more data bytes and a STOP condition. The
wired ANDing of the SCL line is used to implement handshaking between the host and the device. The device
extends the SCL low period by pulling the SCL line low whenever it needs extra time for processing between the
data transmissions.
Note: Each write or read cycle must end with a stop condition. The device may not respond correctly if a cycle is
terminated by a new start condition.
Figure A-6 shows a typical data transmission. Note that several data bytes can be transmitted between the
SLA+R/W and the STOP.
Figure A-6.
Byte Transmission
A.7
Data MSB
Data LSB
ACK
Aggregate
SDA
SCL from
Master
12
78
9
SDA from
Transmitter
SDA from
Receiver
Data Byte
Stop or
Data Byte
Next
SLA+R/W
Data MSB
Data LSB
ACK
12
78
9
Addr MSB
Addr LSB
R/W
ACK
SDA
SCL
START
12
78
9
SLA+RW
Data Byte
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com