| Electronic Components Datasheet Search |
|
1060 Datasheet(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
1060 Datasheet(HTML) 31 Page - Microchip Technology |
|
31 / 35 page ![]() 31 AT42QT1060 [DATASHEET] 9505H–AT42–04/2015 Appendix A. I2C Basics A.1 Interface Bus The device communicates with the host over an I2C bus. The following sections give an overview of the bus; more detailed information is available from www.i2C-bus.org. Devices are connected to the I2C bus as shown in Figure A- 1. Both bus lines are connected to Vdd via pull-up resistors. The bus drivers of all I 2C devices must be open-drain type. This implements a wired AND function that allows any and all devices to drive the bus, one at a time. A low level on the bus is generated when a device outputs a zero. Figure A-1. I 2C Interface Bus A.2 Transferring Data Bits Each data bit transferred on the bus is accompanied by a pulse on the clock line. The level of the data line must be stable when the clock line is high; the only exception to this rule is for generating START and STOP conditions. Figure A-2. Data Transfer Device 1 Device 2 Device 3 Device n R1 R2 Vdd SDA SCL SDA SCL Data Stable Data Stable Data Change |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |