Electronic Components Datasheet Search
  English  ▼

X  

1060 Datasheet(PDF) 24 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 24 Page - Microchip Technology

Back Button 1060 Datasheet HTML 20Page - Microchip Technology 1060 Datasheet HTML 21Page - Microchip Technology 1060 Datasheet HTML 22Page - Microchip Technology 1060 Datasheet HTML 23Page - Microchip Technology 1060 Datasheet HTML 24Page - Microchip Technology 1060 Datasheet HTML 25Page - Microchip Technology 1060 Datasheet HTML 26Page - Microchip Technology 1060 Datasheet HTML 27Page - Microchip Technology 1060 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
24
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
5.23
Address 52 – 63: Reference Data
REFERENCE DATA: addresses 52 – 63 allow reference data to be read for each key, starting with key 0. There are
two bytes of data for each key. These are the key’s 16-bit reference data which is accessed as two 8-bit bytes, stored
LSB first. These addresses are read-only.
5.24
Mask Precedence
Table 5-24 gives the order of priority for the settings in the mask inputs/outputs. The settings in the left-most column
have the highest priority, those in the second-left have the next priority, and so on. If two or more settings are
incompatible then the setting in the left-hand column overrides the other. The right-most column, I/O Function,
specifies the expected result.
Note:
X = don’t care (can be a 1 or a 0)
Table 5-23. Reference Data
Address
b7
b6
b5
b4
b3
b2
b1
b0
52
LSB OF REFERENCE DATA FOR KEY 0
53
MSB OF REFERENCE DATA FOR KEY 0
54 – 63
LSB/MSB OF REFERENCE DATA FOR KEYS 1 – 5
Table 5-24. Input/Output Mask Precedence
I/O Mask
(bit n)
Detection
Mask (bit n)
PWM Mask
(bit n)
Active Level
Mask (bit n)
User Reg
(bit n)
QTouch Key
(channel n)
I/O Function
(I/O n)
0
X
X
X
X
X
Digital Input
1
0
0
0
0
X
Output - Vdd
1
0
0
0
1
X
Output - 0 V
1
0
0
1
0
X
Output - 0 V
1
0
0
1
1
X
Output - Vdd
1
0
1
0
0
X
Output - Vdd
1
0
1
0
1
X
PWM Output
1
0
1
1
0
X
Output - 0 V
1
0
1
1
1
X
PWM Output
1
1
0
0
X
Untouched
Output - Vdd
1
1
0
0
X
Touched
Output - 0 V
1
1
0
1
X
Untouched
Output - 0 V
1
1
0
1
X
Touched
Output - Vdd
1
1
1
0
X
Untouched
Output - Vdd
1
1
1
0
X
Touched
PWM Output
1
1
1
1
X
Untouched
Output - 0 V
1
1
1
1
X
Touched
PWM Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com