Electronic Components Datasheet Search
  English  ▼

X  

1060 Datasheet(PDF) 12 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 1060 Datasheet HTML 8Page - Microchip Technology 1060 Datasheet HTML 9Page - Microchip Technology 1060 Datasheet HTML 10Page - Microchip Technology 1060 Datasheet HTML 11Page - Microchip Technology 1060 Datasheet HTML 12Page - Microchip Technology 1060 Datasheet HTML 13Page - Microchip Technology 1060 Datasheet HTML 14Page - Microchip Technology 1060 Datasheet HTML 15Page - Microchip Technology 1060 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
3.5
Power Supply
See Section 7.2 on page 26 for the power supply range. If the power supply fluctuates slowly with temperature, the
device tracks and compensates for these changes automatically with only minor changes in sensitivity. If the supply
voltage drifts or shifts quickly, the drift compensation mechanism is not able to keep up, causing sensitivity
anomalies or false detections.
The usual power supply considerations with QT parts apply to the device. The power should be clean and come from
a separate regulator if possible. However, this device is designed to minimize the effects of unstable power, and
except in extreme conditions should not require a separate Low Dropout (LDO) regulator.
See underneath Figure 1-1 on page 4 for suggested regulator manufacturers.
It is assumed that a larger bypass capacitor (~1 µF) is somewhere else in the power circuit; for example, near the
regulator.
To assist with transient regulator stability problems, the QT1060 waits 500 µs any time it wakes up from a sleep state
(that is, in SLEEP and LP modes) before acquiring, to allow Vdd to fully stabilize.
3.6
Bus Specification
Caution: A regulator IC shared with other logic can result in erratic operation and is not
advised.
A single ceramic 0.1
µF bypass capacitor, with short traces, should be placed very close
to the power pins of the IC. Failure to do so can result in device oscillation, high current
consumption, erratic operation, and so on.
Table 3-1.
I2C Bus Specification
Parameter
Unit
Address space
7-bit
Maximum bus speed (SCL)
100 kHz
Hold time START condition
4 µs minimum
Setup time for STOP condition
4 µs minimum
Bus free time between a STOP and START condition
4.7 µs minimum
Rise times on SDA and SCL
1 µs maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com