Electronic Components Datasheet Search
  English  ▼

X  

DDC232 Datasheet(PDF) 17 Page - Texas Instruments

Part # DDC232
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC232 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DDC232 Datasheet HTML 13Page - Texas Instruments DDC232 Datasheet HTML 14Page - Texas Instruments DDC232 Datasheet HTML 15Page - Texas Instruments DDC232 Datasheet HTML 16Page - Texas Instruments DDC232 Datasheet HTML 17Page - Texas Instruments DDC232 Datasheet HTML 18Page - Texas Instruments DDC232 Datasheet HTML 19Page - Texas Instruments DDC232 Datasheet HTML 20Page - Texas Instruments DDC232 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
t
ADCONV
t
IRST
t
ADRST
t
INT
t
INT
End Integration Side A
Start Integration Side B
Side A
Side A
Data Ready
Side B
Data Ready
Side B
Side A
Side B
Side A
End Integration Side B
Start Integration Side A
End Integration Side A
Start Integration Side B
CONV
DVALID
A/D Conversion
Odd Channels (Internal)
A/D Conversion
Even Channels (Internal)
t
IRST
t
ADRST
t
ADCONV
DDC232
www.ti.com
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
In Figure 11, the first state is Ncont state 8. The
Ncont modes described earlier in the Continuous and
DDC232 always powers up in the Ncont mode. In this
Noncontinuous Operational Modes section. DVALID
case, the first state is 8 because CONV is initially
goes low after CONV toggles in time tCMDR, indicating
low. After the first two states, Cont mode operation is
that data are ready to be retrieved.
reached and the states begin toggling between 4 and
See Figure 12 for the timing diagram of the internal
5. From now on, the input is being continuously
operations
occurring
during
Continuous
mode
integrated, either on side A or side B. The time
operation. Table 10 gives the timing specifications of
needed for the m/r/az cycle, tMRAZ, is the same time
the internal operations occurring during Continuous
that determines the boundary between the Cont and
mode operation.
Figure 12. Internal Operation in Continuous Mode Timing
Table 10. Timing Characteristics for the Internal Operation in Continuous Mode
DDC232C
DDC232CK
(CLK = 5MHz, Clk_4x = 0)
(CLK = 10MHz, Clk_4x = 0)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
tINT
Integration Period (continuous mode)
320
1,000,000
160
1,000,000
ms
tADCONV
A/D Conversion Time (internally controlled)
135.6
68
ms
tADRST
A/D Conversion Reset Time (internally controlled)
3.2
2.2
ms
tIRST
Integrator Reset Time (internally controlled)
36
21.8
ms
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com