Electronic Components Datasheet Search
  English  ▼

X  

DDC232 Datasheet(PDF) 19 Page - Texas Instruments

Part # DDC232
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC232 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DDC232 Datasheet HTML 15Page - Texas Instruments DDC232 Datasheet HTML 16Page - Texas Instruments DDC232 Datasheet HTML 17Page - Texas Instruments DDC232 Datasheet HTML 18Page - Texas Instruments DDC232 Datasheet HTML 19Page - Texas Instruments DDC232 Datasheet HTML 20Page - Texas Instruments DDC232 Datasheet HTML 21Page - Texas Instruments DDC232 Datasheet HTML 22Page - Texas Instruments DDC232 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
CONV
8
7
4
5
Continuous
Noncontinuous
5
6
5
State
Integration
Status
m/r/az
Status
mbsy
m/r/az B
m/r/az A
m/r/az B
m/r/az A
m/r/az B
Integrate A
Integrate B
Int A
Int A
Int B
CONV
4
2
1
4
3
3
State
mbsy
m/r/az
Status
Integration
Status
m/r/az A
m/r/az B
m/r/az A
Int B
Int A
Integrate A
Integrate B
Noncontinuous
Continuous
DDC232
www.ti.com
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
is increased so that tINT is always ≥ tMRAZ as shown in
Changing Between Modes
Figure 16 (see Figure 13 and Table 11, page 18).
With a longer tINT, the m/r/az cycle has enough time
Changing from Cont to Ncont mode occurs whenever
to finish before the next integration begins and
tINT < tMRAZ. Figure 15 shows an example of this
continuous integration of the input signal is possible.
transition. In this figure, Cont mode is entered when
For the special case of the very first integration when
the integration on side A is completed before the
changing to the Cont mode, tINT can be < tMRAZ. This
m/r/az cycle on side B is complete. The DDC232
is allowed because there is no simultaneous m/r/az
completes the measurement on sides B and A during
cycle on the side B during state 3—therefore, there is
states 8 and 7 with the input signal shorted to ground.
no need to wait for it to finish before ending the
Ncont integration begins with state 6.
integration on side A.
Changing from Ncont to Cont mode occurs when tINT
Figure 15. Changing from Continuous Mode to Noncontinuous Mode
Figure 16. Changing from Noncontinuous Mode to Continuous Mode
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com