Electronic Components Datasheet Search
  English  ▼

X  

DDC232 Datasheet(PDF) 8 Page - Texas Instruments

Part # DDC232
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC232 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DDC232 Datasheet HTML 4Page - Texas Instruments DDC232 Datasheet HTML 5Page - Texas Instruments DDC232 Datasheet HTML 6Page - Texas Instruments DDC232 Datasheet HTML 7Page - Texas Instruments DDC232 Datasheet HTML 8Page - Texas Instruments DDC232 Datasheet HTML 9Page - Texas Instruments DDC232 Datasheet HTML 10Page - Texas Instruments DDC232 Datasheet HTML 11Page - Texas Instruments DDC232 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
50pF
25pF
12.5pF
VREF
Range[2]Bit
Range[1]Bit
Range[0]Bit
S
RESET
S
REF2
S
ADC1A
S
INTA
S
REF1
IN1
ESD
Protection
Diodes
Input
Current
IntegratorB(sameasA)
IntegratorA
Photodiode
3pF
ToConverter
S
INTB
AdjustableFeedbackCapacitors(C )
F
DDC232
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
www.ti.com
DEVICE OPERATION
operational
amplifier.
At
the
beginning
of
a
conversion, the switches SA/D, SINTA, SINTB, SREF1,
Basic Integration Cycle
SREF2, and SRESET are set (see Figure 4).
The topology of the front end of the DDC232 is an
At the completion of an A/D conversion, the charge
analog integrator as shown in Figure 3. In this
on the integration capacitor (CF) is reset with SREF1
diagram, only input IN1 is shown. The input stage
and SRESET (see Figure 4 and Figure 5a). This is
consists of an operational amplifier, a selectable
done during reset. In this manner, the selected
feedback
capacitor
network
(CF),
and
several
capacitor is charged to the reference voltage, VREF.
switches that implement the integration cycle. The
Once the integration capacitor is charged, SREF1 and
timing relationships of all of the switches shown in
SRESET are switched so that VREF is no longer
Figure 3 are illustrated in Figure 4. Figure 4
connected to the amplifier circuit while it waits to
conceptualizes the operation of the integrator input
begin integrating (see Figure 5b). With the rising
stage of the DDC232 and should not be used as an
edge of CONV, SINTA closes, which begins the
exact timing tool for design.
integration of side A. This process puts the integrator
stage into its integrate mode (see Figure 5c).
See Figure 5 for the block diagrams of the reset,
integrate, wait, and convert states of the integrator
Charge from the input signal is collected on the
section of the DDC232. This internal switching
integration capacitor, causing the voltage output of
network is controlled externally with the convert pin
the amplifier to decrease. The falling edge of CONV
(CONV) and the system clock (CLK). For the best
stops the integration by switching the input signal
noise performance, CONV must be synchronized with
from side A to side B (SINTA and SINTB). Prior to the
the rising edge of CLK. It is recommended that CONV
falling edge of CONV, the signal on side B was
toggle within ±10ns of the rising edge of CLK.
converted by the A/D converter and reset during the
time that side A was integrating. With the falling edge
The
noninverting
inputs
of
the
integrators
are
of CONV, side B starts integrating the input signal. At
connected to ground. Consequently, the DDC232
this point, the output voltage of the side A operational
analog ground should be as clean as possible. In
amplifier is presented to the input of the
∆Σ A/D
Figure 3, the feedback capacitors (CF) are shown in
converter (see Figure 5d).
parallel between the inverting input and output of the
Figure 3. Basic Integration Configuration for Input 1
8
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com